Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS889834 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS889834
Description  LOW SKEW, 2-TO-4 LVCMOS/LVTTL-TO-LVPECL/ECL CLOCK MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889834 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS889834 Datasheet HTML 1Page - Integrated Circuit Systems ICS889834 Datasheet HTML 2Page - Integrated Circuit Systems ICS889834 Datasheet HTML 3Page - Integrated Circuit Systems ICS889834 Datasheet HTML 4Page - Integrated Circuit Systems ICS889834 Datasheet HTML 5Page - Integrated Circuit Systems ICS889834 Datasheet HTML 6Page - Integrated Circuit Systems ICS889834 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.icst.com/products/hiperclocks.html
Aug 02, 2002
5
Integrated
Circuit
Systems, Inc.
HiPerClockS™ Application Note
3.3V LVPECL DRIVER TERMINATION
nTL1
Zo = 50
Td
R3
125
3.3V
R5
125
R2
100-180
TL1
Zo = 50
Td
3v3 PECL Driver
U1
+
-
C1
C2
R6
84
R4
84
R1
100-180
VCCO=3.3V
Figure 7 AC Coupled with bias offset at V
CC - 2V (Suitable for interface with HiPerClockS
CLK/nCLK input)
R2
100-180
R6
125
+
-
R1
100-180
C2
R4
125
TL1
Zo = 50
Td
C1
R3
84
3v3 PECL Driver
U1
VCCO=3.3V
3.3V
R5
84
nTL1
Zo = 50
Td
Figure 8 AC coupled with bias offset at V
CC - 1.3V (Suitable for AC Couple with ICS
HiPerClockS PCLK/nPCLK input)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com