Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952601 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS952601
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952601 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS952601 Datasheet HTML 10Page - Integrated Circuit Systems ICS952601 Datasheet HTML 11Page - Integrated Circuit Systems ICS952601 Datasheet HTML 12Page - Integrated Circuit Systems ICS952601 Datasheet HTML 13Page - Integrated Circuit Systems ICS952601 Datasheet HTML 14Page - Integrated Circuit Systems ICS952601 Datasheet HTML 15Page - Integrated Circuit Systems ICS952601 Datasheet HTML 16Page - Integrated Circuit Systems ICS952601 Datasheet HTML 17Page - Integrated Circuit Systems ICS952601 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS952601
0701G—10/13/04
The PCI_STOP# signal is on an active low input controlling PCI and SRC outputs. If PCIF (2:0) and SRC clocks can be set to
be free-running through I2C programming. Outputs set to be free-running will ignore both the PCI_STOP pin and the
PCI_STOP register bit.
PCI Stop Functionality
#
P
O
T
S
_
I
C
PU
P
C#
U
P
CC
R
S#
C
R
S6
6
V
3I
C
P
/
F
I
C
PT
O
D
/
B
S
UF
E
Re
t
o
N
1l
a
m
r
o
Nl
a
m
r
o
Nl
a
m
r
o
Nl
a
m
r
o
Nz
H
M
6
6z
H
M
3
3z
H
M
8
4z
H
M
8
1
3
.
4
1
0l
a
m
r
o
Nl
a
m
r
o
N6
*
f
e
r
I
t
a
o
l
F
r
o
w
o
Lz
H
M
6
6w
o
Lz
H
M
8
4z
H
M
8
1
3
.
4
1
The clock samples the PCI_STOP# signal on a rising edge of PCIF clock. After detecting the PCI_STOP# assertion low, all
PCI[6:0] and stoppable PCIF[2:0] clocks will latch low on their next high to low transition. After the PCI clocks are latched low,
the SRC clock, (if set to stoppable) will latch high at Iref * 6 (or tristate if Byte 2 Bit 6 = 1) upon its next low to high transition and
the SRC# will latch low as shown below.
PCI_STOP#
Tsu
PCIF[2:0] 33MHz
PCI[6:0] 33MHz
SRC 100MHz
SRC# 100MHz
PCI_STOP# Assertion (transition from '1' to '0')
The de-assertion of the PCI_Stop# signal is to be sampled on the rising edge of the PCIF free running clock domain. After
detecting PCI_Stop# de-assertion, all PCI[6:0], stoppable PCIF[2:0] and stoppable SRC clocks will resume in a glitch free
manner.
PCI_STOP#
Tsu
Tdrive_SRC
PCIF[2:0] 33MHz
PCI[6:0] 33MHz
SRC 100MHz
SRC# 100MHz
PCI_STOP# - De-assertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com