Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952601 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS952601
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952601 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS952601 Datasheet HTML 1Page - Integrated Circuit Systems ICS952601 Datasheet HTML 2Page - Integrated Circuit Systems ICS952601 Datasheet HTML 3Page - Integrated Circuit Systems ICS952601 Datasheet HTML 4Page - Integrated Circuit Systems ICS952601 Datasheet HTML 5Page - Integrated Circuit Systems ICS952601 Datasheet HTML 6Page - Integrated Circuit Systems ICS952601 Datasheet HTML 7Page - Integrated Circuit Systems ICS952601 Datasheet HTML 8Page - Integrated Circuit Systems ICS952601 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS952601
0701G—10/13/04
Pin Description (Continued)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
29
3V66_4/VCH
OUT
66.66MHz clock output for AGP support. AGP-PCI should be aligned
with a skew window tolerance of 500ps.
VCH is 48MHz clock output for video controller hub.
30
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
31
48MHz_USB
OUT
48MHz clock output.
32
48MHz_DOT
OUT
48MHz clock output.
33
GND
PWR
Ground pin.
34
VDD48
PWR
Power pin for the 48MHz output.3.3V
35
Vtt_PWRGD#
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine
when latch inputs are valid and are ready to be sampled. This is an
active low input.
36
VDD
PWR
Power supply for SRC clocks, nominal 3.3V
37
SRCCLKC
OUT
Complement clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
38
SRCCLKT
OUT
True clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
39
GND
PWR
Ground pin.
40
CPUCLKC0
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
41
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
42
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
43
CPUCLKC1
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
44
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
45
GND
PWR
Ground pin.
46
CPUCLKC2
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
47
CPUCLKT2
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
48
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
49
PCI_STOP#
IN
Stops all PCICLKs and SRC pair besides the PCICLK_F clocks at logic
0 level, when input low. PCI and SRC clocks can be set to
Free_Running through I2C. Internal pull-up of 150K nominal.
50
CPU_STOP#
IN
Stops all CPUCLK besides the free running clocks. Internal pull-up of
150K nominal
51
FS_A
IN
Frequency select pin, see Frequency table for functionality
52
IREF
OUT
This pin establishes the reference current for the differential current-
mode output pairs. This pin requires a fixed precision resistor tied to
ground in order to establish the appropriate current. 475 ohms is the
standard value.
53
GND
PWR
Ground pin.
54
GNDA
PWR
Ground pin for core.
55
VDDA
PWR
3.3V power for the PLL core.
56
FS_B
IN
Frequency select pin, see Frequency table for functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com