Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952601 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS952601
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952601 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS952601 Datasheet HTML 12Page - Integrated Circuit Systems ICS952601 Datasheet HTML 13Page - Integrated Circuit Systems ICS952601 Datasheet HTML 14Page - Integrated Circuit Systems ICS952601 Datasheet HTML 15Page - Integrated Circuit Systems ICS952601 Datasheet HTML 16Page - Integrated Circuit Systems ICS952601 Datasheet HTML 17Page - Integrated Circuit Systems ICS952601 Datasheet HTML 18Page - Integrated Circuit Systems ICS952601 Datasheet HTML 19Page - Integrated Circuit Systems ICS952601 Datasheet HTML 20Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
Integrated
Circuit
Systems, Inc.
ICS952601
0701G—10/13/04
PD# is an asynchronous active low input used to shut off all clocks cleanly prior to clock power.
When PD# is asserted low all clocks will be driven low before turning off the VCO. In PD# de-assertion all clocks will start
without glitches.
PD#, Power Down
#
N
W
D
R
W
PU
P
C#
U
P
CC
R
S#
C
R
S6
6
V
3I
C
P
/
F
I
C
PT
O
D
/
B
S
UF
E
Re
t
o
N
1l
a
m
r
o
Nl
a
m
r
o
Nl
a
m
r
o
Nl
a
m
r
o
Nz
H
M
6
6z
H
M
3
3z
H
M
8
4z
H
M
8
1
3
.
4
1
0r
o
2
*
f
e
r
I
t
a
o
l
F
t
a
o
l
F2
*
f
e
r
I
t
a
o
l
F
r
o
t
a
o
l
Fw
o
Lw
o
Lw
o
Lw
o
L
Notes:
1. Refer to tristate control of CPU and SRC clocks in section 7.7 for tristate timing and operation.
2. Refer to Control Registers in section 16 for CPU_Stop, SRC_Stop and PwrDwn SMBus tristate control addresses.
PD# should be sampled low by 2 consecutive CPU# rising edges before stopping clocks. All single ended clocks will be
held low on their next high to low transition.
All differential clocks will be held high on the next high to low transition of the complimentary clock. If the control register
determining to drive mode is set to 'tri-state', the differential pair will be stopped in tri-state mode, undriven.
When the drive mode but corresponding to the CPU or SRC clock of interest is set to '0' the true clock will be driven high at
2 x Iref and the complementary clock will be tristated. If the control register is programmed to '1' both clocks will be tristated.
PWRDWN#
CPU, 133MHz
CPU#, 133MHz
SRC, 100MHz
SRC#, 100MHz
3V66, 66MHz
USB, 48MHz
PCI, 33MHz
REF, 14.31818
PD# Assertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com