Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9061 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9061
Description  Power MOSFET Driver with Lossless Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9061 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM9061 Datasheet HTML 3Page - National Semiconductor (TI) LM9061 Datasheet HTML 4Page - National Semiconductor (TI) LM9061 Datasheet HTML 5Page - National Semiconductor (TI) LM9061 Datasheet HTML 6Page - National Semiconductor (TI) LM9061 Datasheet HTML 7Page - National Semiconductor (TI) LM9061 Datasheet HTML 8Page - National Semiconductor (TI) LM9061 Datasheet HTML 9Page - National Semiconductor (TI) LM9061 Datasheet HTML 10Page - National Semiconductor (TI) LM9061 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Application Hints (Continued)
TURN ON AND TURN OFF CHARACTERISTICS
The actual rate of change of the voltage applied to the gate
of the power device is directly dependent on the input ca-
pacitances of the MOSFET used These times are important
to know if the power to the load is to be applied repetitively
as is the case with pulse width modulation drive Of concern
are the capacitances from gate to drain CGD and from gate
to source CGS Figure 2 details the turn ON and turn OFF
intervals in a typical application An inductive load is as-
sumed to illustrate the output transient voltage to be expect-
ed At time t1 the ONOFF input goes high The output
which drives the gate of the MOSFET immediately pulls the
gate voltage towards the VCC supply of the LM9061 The
source current from pin 4 is typically 30 mA which quickly
charges CGD and CGS As soon as the gate reaches the
VGS(ON) threshold of the MOSFET the switch turns ON and
the source voltage starts rising towards VCC VGS remains
equal to the threshold voltage until the source reaches VCC
While VGS is constant only CGD is charging When the
source voltage reaches VCC at time t2 the charge pump
takes over the drive of the gate to ensure that the MOSFET
remains ON
The charge pump is basically a small internal capacitor that
acquires and transfers charge to the output pin The clock
rate is set internally at typically 300 kHz In effect the charge
pump acts as a switched capacitor resistor (approximately
67k) connected to a voltage that is clamped at 13V above
the Sense input pin of the LM9061 which is equal to the VCC
supply in typical applications The gate voltage rises above
VCC in an exponential fashion with a time constant depen-
dent upon the sum of CGD and CGS At this time however
the load is fully energized At time t3 the charge pump
reaches its maximum potential and the switch remains ON
At time t4 the ONOFF input goes low to turn OFF the
MOSFET and remove power from the load At this time the
charge pump is disconnected and an internal 110 mA cur-
rent sink begins to discharge the gate input capacitances to
ground The discharge rate (DV DT) is equal to 110 mA
(CGD a CGS)
The load is still fully energized until time t5 when the gate
voltage has reached a potential of the source voltage (VCC)
plus the VGS(ON) threshold voltage of the MOSFET Be-
tween time t5 and t6 the VGS voltage remains constant and
the source voltage follows the gate voltage With the volt-
age on CGD held constant the discharge rate now becomes
110 mACGD
At time t6 the source voltage reaches 0V As the gate
moves below the VGS(ON) threshold the MOSFET tries to
turn OFF With an inductive load if the current in the load
has not collapsed to zero by time t6 the action of the
MOSFET turning OFF will create a negative voltage tran-
sient (flyback) across the load The negative transient will
be clamped to bVGS(ON) because the MOSFET must turn
itself back ON to continue conducting the load current until
the energy in the inductance has been dissipated (at time
t7)
MOSFET PROTECTION CIRCUITRY
A unique feature of the LM9061 is the ability to sense ex-
cessive power dissipation in the MOSFET and latch it OFF
to prevent permanent failure Instead of sensing the actual
current flowing through the MOSFET to the load which typi-
cally requires a small valued power resistor in series with
the load the LM9061 monitors the voltage drop from drain
to source VDS across the MOSFET This ‘‘lossless’’ tech-
nique allows all of the energy available from the supply to be
conducted to the load as required The only power loss is
that of the MOSFET itself and proper selection of a particu-
lar power device for an application will minimize this con-
cern Another benefit of this technique is that all applica-
tions use only standard inexpensive
W or less resistors
To utilize this lossless protection technique requires knowl-
edge of key characteristics of the power MOSFET used In
any application the emphasis for protection can be placed
on either the power MOSFET or on the amount of current
delivered to the load with the assumption that the selected
MOSFET can safely handle the maximum load current
TLH12317 – 9
FIGURE 2 Turn ON and Turn OFF Waveforms
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com