Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9061 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9061
Description  Power MOSFET Driver with Lossless Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9061 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM9061 Datasheet HTML 6Page - National Semiconductor (TI) LM9061 Datasheet HTML 7Page - National Semiconductor (TI) LM9061 Datasheet HTML 8Page - National Semiconductor (TI) LM9061 Datasheet HTML 9Page - National Semiconductor (TI) LM9061 Datasheet HTML 10Page - National Semiconductor (TI) LM9061 Datasheet HTML 11Page - National Semiconductor (TI) LM9061 Datasheet HTML 12Page - National Semiconductor (TI) LM9061 Datasheet HTML 13Page - National Semiconductor (TI) LM9061 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Hints (Continued)
TLH12317 – 16
FIGURE 8 Increasing MOSFET Turn On Time
INCREASING MOSFET TURN ON TIME
The ability of the LM9061 to quickly turn on the MOSFET is
an important factor in the management of the MOSFET
power dissipation Caution should be exercised when at-
tempting to increase the MOSFET Turn On time by limiting
the Gate drive current The MOSFET average dissipation
and the LM9061 Delay time must be recalculated with the
extended switching transition time
Figure 8 shows a method of increasing the MOSFET Turn
On time without affecting the Turn Off time In this method
the Gate is charged at an exponential rate set by the added
external Gate resistor and the MOSFET Gate capacitances
Although the LM9061 will drive MOSFETs from any manu-
facturer National Semiconductor offers a wide range of
power MOSFETs
Figure 9 shows a small sample of the
devices available
Part
ID
VDSS
RDS(ON)
Package
NDP706A
75A
60V
0015X
TO-220
NDP706B
70A
60V
0018X
TO-220
NDP708A
60A
80V
0022X
TO-220
NDB708A
60A
80V
0022X
TO-263
NDP606A
48A
60V
0025X
TO-220
NDP606B
42A
60V
0028X
TO-220
NDP608A
36A
80V
0042X
TO-220
NDB608A
36A
80V
0042X
TO-263
NDP508A
19A
80V
0080X
TO-220
NDB508A
19A
80V
0080X
TO-263
NDP408A
11A
80V
0160X
TO-220
NDS9410
7A
30V
003X
SO-8
NDS9936
5A
30V
005X
SO-8
NDS9945
35A
60V
010X
SO-8
Dual
FIGURE 9 Recommended DMOS Power MOSFETs
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com