Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9061 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9061
Description  Power MOSFET Driver with Lossless Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9061 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9061 Datasheet HTML 1Page - National Semiconductor (TI) LM9061 Datasheet HTML 2Page - National Semiconductor (TI) LM9061 Datasheet HTML 3Page - National Semiconductor (TI) LM9061 Datasheet HTML 4Page - National Semiconductor (TI) LM9061 Datasheet HTML 5Page - National Semiconductor (TI) LM9061 Datasheet HTML 6Page - National Semiconductor (TI) LM9061 Datasheet HTML 7Page - National Semiconductor (TI) LM9061 Datasheet HTML 8Page - National Semiconductor (TI) LM9061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
60V
Reverse Supply Current
20 mA
Output Voltage
VCC a 15V
Voltage at Sense and Threshold
(through 1 kX)
b
25V to a60V
ONOFF Input Voltage
b
03V to VCC a 03V
Junction Temperature
150 C
Storage Temperature
b
55 Cto150 C
Lead Temperature (Soldering 10 seconds)
260 C
Operating Ratings (Note 2)
Supply Voltage
7V to 26V
ONOFF Input Voltage
b
03V to VCC
Ambient Temperature Range
b
40 Cto125 C
Thermal Resistance (iJ-A)
LM9061M
150 CW
LM9061N
100 CW
DC Electrical Characteristics
7V s VCC s20V RREF e 154 kX b40 C s TJ s a125 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
POWER SUPPLY
IQ
Quiescent Supply Current
ONOFF e ‘‘0’’
5
mA
ICC
Operating Supply Current
ONOFF e ‘‘1’’
CLOAD e 0025 mF
40
mA
Includes Turn-ON
Transient Output Current
ONOFF CONTROL INPUT
VIN(0)
ONOFF Input Logic ‘‘0’’
VOUT e OFF
15
V
VIN(1)
ONOFF Input Logic ‘‘1’’
VOUT e ON
35
V
VHYST
ONOFF Input Hysteresis
Peak to Peak
08
2
V
IIN
ONOFF Input Pull-Down Current
VONOFF e 5V
50
250
m
A
GATE DRIVE OUTPUT
VOH
Charge Pump Output Voltage
ONOFF e ‘‘1’’
VCC a 7VCC a 15
V
VOL
OFF Output Voltage
ONOFF e ‘‘0’’
09
V
ISINK e 110 mA
VCLAMP
Sense to Output
ONOFF e ‘‘1’’
11
15
V
Clamp Voltage
VSENSE e VTHRESHOLD
ISINK(Normal-OFF)
Output Sink Current
ONOFF e ‘‘0’’
Normal Operation
VDELAY e 0V
75
145
m
A
VSENSE e VTHRESHOLD
ISINK(Latch-OFF)
Output Sink Current with
VDELAY e 7V
515
m
A
Protection Comparator Tripped
VSENSE k VTHRESHOLD
PROTECTION CIRCUITRY
IREF
Threshold Pin Reference Current
VSENSE e VTHRESHOLD
75
88
m
A
VREF
Reference Voltage
115
135
V
ITHR(LEAKAGE)
Threshold Pin Leakage Current
VCC e Open
10
m
A
7V s VTHRESHOLD s 20V
ISENSE
Sense Pin Input Bias Current
VSENSE e VTHRESHOLD
10
m
A
DELAY TIMER
IDELAY
Delay Pin Source Current
674
1544
m
A
VTIMER
Delay Timer Threshold Voltage
5
62
V
IDIS
Delay Capacitor Discharge Current
VDELAY e 5V
2
10
mA
VSAT
Discharge Transistor Saturation Voltage
IDIS e 1 mA
04
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com