Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202 Datasheet(PDF) 12 Page - International Rectifier

Part # IP1202
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202 Datasheet(HTML) 12 Page - International Rectifier

Back Button IP1202 Datasheet HTML 8Page - International Rectifier IP1202 Datasheet HTML 9Page - International Rectifier IP1202 Datasheet HTML 10Page - International Rectifier IP1202 Datasheet HTML 11Page - International Rectifier IP1202 Datasheet HTML 12Page - International Rectifier IP1202 Datasheet HTML 13Page - International Rectifier IP1202 Datasheet HTML 14Page - International Rectifier IP1202 Datasheet HTML 15Page - International Rectifier IP1202 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.irf.com
12
iP1202
iP1202 User’s Design Guidelines
The iP1202 can be configured as a dual channel 15A
or parallel single 30A power block consisting of opti-
mized power semiconductors, PWM control and its
associated passive components. It is based on a syn-
chronous buck topology and offers an optimized so-
lution where space, efficiency and noise caused by
parasitics are of concern. The phase shifted, two out-
put power block operates with fixed frequency volt-
age mode control and can be configured to operate
as a dual output or paralleled single output with cur-
rent sharing. The iP1202 components are integrated
in a ball grid array (BGA) package.
V
IN
The input operating voltage range of the iP1202 is
5.5V to 13.2V. Both channels of the power block have
a common input.
Enabling the Outputs
The ENABLE pin turns on and turns off both outputs
of the iP1202 simultaneously. The iP1202 outputs will
be turned off by floating the ENABLE pin. ENABLE
low will start the outputs. The converter can also be
shutdown by pulling the soft-start pins to PGND
through a logic level MOSFET the drain of which con-
nects to the soft start pin (see Fig.12). This feature
can be useful if sequencing or different start-up tim-
ing of the outputs are required. In situations where
the output has undergone a latched shutdown due to
overvoltage or overcurrent, cycling ENABLE will re-
set the outputs. Cycling soft start pins will not unlatch
the outputs.
Dual Soft Start
The Soft Start function provides a controlled rise of
the output voltage, thus limiting the inrush current
during start-up. The iP1202 provides two indepen-
dent soft start functions. The soft start pins can be
connected to the soft start capacitors to provide dif-
ferent start-up and sequencing profiles.
Each soft start function has an internal 25uA +/-20%
current source that charges the external soft start
capacitor Css up to 3V. During power-up, the output
voltage starts ramping up only after the charging
voltage across the Css capacitor has reached a
0.8Vtyp threshold, as shown in Fig. 13.
Mode of Operation
The iP1202 can be configured to provide either two
independent dual outputs or single paralleled output
with current share. In dual output mode, the two error
amplifiers of the PWM controller operate indepen-
dently. Each output voltage of the iP1202 block is
controlled by its own error amplifier. The output of
the error amplifier and the internally generated ramp
signal are compared to produce PWM pulses of fixed
frequency that drive the internal power switches. In
this mode, the VP-ref pin must be connected to Vref
pin. Vref pin is the internally generated 0.8V refer-
ence input of first error amplifier . Refer to the inter-
nal block diagram of the iP1202 in Fig.1.
This threshold voltage should be taken into consid-
eration when designing sequencing profiles using
the iP1202 as it will effect start-up delays and ramp-
times.
For proper implementation of sequencing of outputs
using the iP1202, refer to IR Application Note AN-
1053 - Power sequencing techniques using iP1201
and iP1202.
Fig. 13: Power Up Threshold
3V
0.8Vtyp
VCss
VOUT
Css
Iss
iP1202
SS1/SS2
Fig. 12: Soft Start/Enable Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com