Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202 Datasheet(PDF) 19 Page - International Rectifier

Part # IP1202
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202 Datasheet(HTML) 19 Page - International Rectifier

Back Button IP1202 Datasheet HTML 15Page - International Rectifier IP1202 Datasheet HTML 16Page - International Rectifier IP1202 Datasheet HTML 17Page - International Rectifier IP1202 Datasheet HTML 18Page - International Rectifier IP1202 Datasheet HTML 19Page - International Rectifier IP1202 Datasheet HTML 20Page - International Rectifier IP1202 Datasheet HTML 21Page - International Rectifier IP1202 Datasheet HTML 22Page - International Rectifier IP1202 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.irf.com
19
iP1202
3. Place a zero at 75% of f
LC to cancel one of the LC
filter poles.
o
o
z
C
L
f
×
×
=
π
2
1
75
.
0
4. Calculate C
9 using equations (13) and (15)
Calculation of compensation components for output1,
based on the example above yields:
f
LC = 5.0kHz
f
z = 3.8kHz
f
0 = 30kHz
f
esr = 14kHz, per equation (6) using Resr = 12mΩ.
R
5 = 2.49K
C
9 = 18nF
The same steps can be used to determine the val-
ues of the compensation components for output2.
Sometimes, a pole f
p2 is added at half the switching
frequency to filter the switching noise. This is done
by adding a capacitor C
opt in Fig.18 from the output of
the error amplifier (CC pin of iP1202) to ground. This
pole is given by equation (16):
(16)
C
opt is found from equation (17) by rearranging the
terms in equation (16) and by setting f
p2 = fsw / 2:
(17)
Magnitude(dB)
Frequency
FZ1
H(s) dB
FZ2 FP2 FP3
C10
R9
R7
E/A1
Vout1
FB1
VREF
CC1
iP1202
R23
C9
C18
R24
C19
opt
p
C
R
f
×
×
≈
5
2
2
1
π
m
LC
esr
IN
g
R
R
R
f
f
f
V
R
1
1
25
.
1
7
9
7
2
0
5
×
+
×
×
×
×
=V
ramp
5
2
2
1
R
f
C
p
opt
×
×
=
π
)
1
(
)
1
(
)
1
(
)
1
(
1
)
(
19
24
18
23
19
9
9
23
9
9
C
sR
C
sR
C
sR
C
sR
C
sR
s
H
+
×
+
+
×
+
×
=
Fig. 19: Typical Type III compensation and its gain
plot
Type III
Type III compensation scheme allows the use of any
type of capacitors with esr frequency of any range.
This scheme suggests a double pole double zero
compensation and requires more components around
the error amplifier to achieve the desired gain and
phase margins. Fig. 19 represents the type III com-
pensation network for iP1202.
The transfer function of the type III compensator is
given by eqaution (18)
(18)
2. Calculate R
5 using equation (14):
(14)
Where,
V
IN = Maximum Input voltage
f
0 = Error amplifier zero crossover frequency
f
esr= Output capacitor Co zero frequency
f
LC = Output frequency resonant filter
g
m= Error amplifier transconductance. Use 2mS for
g
m.
V
ramp = Oscillator ramp Voltage.
Use 1.25V for V
ramp
(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com