Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202 Datasheet(PDF) 20 Page - International Rectifier

Part # IP1202
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202 Datasheet(HTML) 20 Page - International Rectifier

Back Button IP1202 Datasheet HTML 16Page - International Rectifier IP1202 Datasheet HTML 17Page - International Rectifier IP1202 Datasheet HTML 18Page - International Rectifier IP1202 Datasheet HTML 19Page - International Rectifier IP1202 Datasheet HTML 20Page - International Rectifier IP1202 Datasheet HTML 21Page - International Rectifier IP1202 Datasheet HTML 22Page - International Rectifier IP1202 Datasheet HTML 23Page - International Rectifier IP1202 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.irf.com
20
iP1202
R
9
10
Vref
Vo - Vref
More than one iteration may be required to calculate
the values of the compensation components if cross-
over frequencies higher than the range specified in
step 1 are required (for higher bandwidths and faster
transient response performance). To ensure stability
a phase margin greater than 45° shouldbe achieved.
Refer to AN-1043 for more detailed compensation
techniques using Transconductance Amplifiers.
Compensation in Current Share Mode
The iP1202 can be configured in single output paral-
leled configuration. The feedback loop of the first out-
put is closed around the output voltage, and the sec-
ond amplifier, which is also a transconductance one,
forces equal sharing of the inductor currents in both
outputs.
Voltage Loop
Type II and Type III methods of voltage loop com-
pensation discussed above, can be used to com-
pensate the voltage loop of a single output iP1202.
In this case, the total amount of capacitance seen
by both channels and the inductance of the voltage
controlling channel should be considered for com-
pensation.
Current Loop
Use the following procedure for current loop com-
pensation:
In Fig. 20, L
1 and L2 are the inductors for outputs 1
and 2 respectively. Rsh1 and Rsh2 are the current
sensing shunts for the same outputs.
7. Place the second pole f
p2 at or near fesr of the out-
put capacitor C
o and determine the value of R24 from
equation (20). Make sure R
24 <
8. Use equation (25) to calculate R
7.
R
7 = R9 x
(25)
The crossover frequency f
0 for type III compensation
is represented by equation (24):
(24)
Follow the steps below to determine the feedback
loop compensation component values:
1. Select a zero db crossover frequency f
0 in the range
of 10% to 20% of the switching frequency f
sw.
2. Select R
23~ 10kΩ
3. Place the first zero f
z1 at 75% of the resonant fre-
quency f
LC of the output filter.
Determine C
9 from equation (22).
4. Place a third pole f
P3 at or near the switching fre-
quency f
SW.
Select C18 such that C
18 <
5. Calculate C
19 from equation (24).
6. Place the second zero at 125% of the resonant
frequency f
LC of the output filter. Calculate R9 using
equation (23).
0
0
19
23
0
2
1
8
.
0
C
L
C
R
V
f
IN
×
×
×
×
×
×
=
π
1
V
ramp
10
9
C
The frequencies of the three poles and the two zeros
of the type III compensation scheme are represented
by the following equations:
f
p1= 0
(19)
(20)
19
24
2
2
1
C
R
f
p
×
×
=
π
(22)
(21)
(23)
18
23
3
2
1
C
R
f
p
×
×
≅
π
9
23
1
2
1
C
R
f
z
×
×
=
π
19
9
2
2
1
C
R
f
z
×
×
=
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com