Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9073 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9073
Description  Dual High Current Low-Dropout System Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9073 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM9073 Datasheet HTML 1Page - National Semiconductor (TI) LM9073 Datasheet HTML 2Page - National Semiconductor (TI) LM9073 Datasheet HTML 3Page - National Semiconductor (TI) LM9073 Datasheet HTML 4Page - National Semiconductor (TI) LM9073 Datasheet HTML 5Page - National Semiconductor (TI) LM9073 Datasheet HTML 6Page - National Semiconductor (TI) LM9073 Datasheet HTML 7Page - National Semiconductor (TI) LM9073 Datasheet HTML 8Page - National Semiconductor (TI) LM9073 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristics (Continued)
Note 1:
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. “Operating Ratings” indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
“Electrical Characteristics” state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: Human body model, 150 pFcapacitor discharged through a 1.5 k
Ω resistor.
Note 3: If either control input is left open circuited the regulators will turn OFF.
Note 4: The input quiescent current will increase when the regulators are in dropout conditions. The amount of additional input current is a direct function of the to
a load current on both outputs. The peak increase in current is limited to 50% of the total load current.
Note 5: The dropout voltage specifications actually indicate the saturation voltage of the PNP power transistors used in each regulator. Over the full load current and
temperature ranges the Main regulator will output at least 4.5V and the External Supply regulator at lease 4.7V with an input voltage of only 5.5V
Note 6: The ON/OFF input is internally clamped to a 7V zener diode through a 1K
Ω resistor.
Quiescent Input Current vs. Input Voltage
DS101296-4
Turn-On Characteristic
DS101296-5
Turn-Off Characteristic
DS101296-6
Normalized Output Voltages vs Temperature
DS101296-7
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com