Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9073 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9073
Description  Dual High Current Low-Dropout System Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9073 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM9073 Datasheet HTML 10Page - National Semiconductor (TI) LM9073 Datasheet HTML 11Page - National Semiconductor (TI) LM9073 Datasheet HTML 12Page - National Semiconductor (TI) LM9073 Datasheet HTML 13Page - National Semiconductor (TI) LM9073 Datasheet HTML 14Page - National Semiconductor (TI) LM9073 Datasheet HTML 15Page - National Semiconductor (TI) LM9073 Datasheet HTML 16Page - National Semiconductor (TI) LM9073 Datasheet HTML 17Page - National Semiconductor (TI) LM9073 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Application Information (Continued)
Electro-Magnetic Compatibiltiy (EMC)
Systems utilizing the LM9073 will not experience loss of sup-
ply or false reset signals from the regulator when subjected
to high frequency interference from a standard Bulk Current
Injection test (ISO11452 Part 4 test method). The following
test conditions and configuration (Figure 9) can be used to
verify this performance:
•
Frequency Range
1MHz to 400MHz
•
Modulation 1
(no modulation)
•
Modulation 2
1kHz sine wave, 80% AM
•
Dwell Time
1 second
•
Frequency Steps
1MHz (from 1MHz to 10MHz)
•
2MHz (from 10MHz to 200MHz)
•
20MHz (from 200MHz to 400MHz)
•
Test Method
Closed loop current probe
In this test configuration the current injected in to either the
input pin or the tracking output pin is increased until a reset
output is generated. These two pins are the most critical as
they typically will connect to a module through long lengths
of wire most likely to pick up high frequency energy. Figure
10 illustrates examples of test results on the LM9073 with
both types of modulation.
These results are just examples as actual results in any
given application will depend on numerous external factors
such as component selection, pc board layout, etc. The cur-
rent power of the injected signal is expressed indB relative to
1mA (i.e. 40dBmA = 100mA)
Figure 9. EMC Test Circuit
DS101296-24
Figure 10. Examples of BCI Test
BCI Susceptibility, Modulation 1 (CW)
DS101296-25
BCI Susceptibility, Modulation 2 (CW)
(1kHz, 80% AM Modulation)
DS101296-26
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com