Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9073 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9073
Description  Dual High Current Low-Dropout System Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9073 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM9073 Datasheet HTML 5Page - National Semiconductor (TI) LM9073 Datasheet HTML 6Page - National Semiconductor (TI) LM9073 Datasheet HTML 7Page - National Semiconductor (TI) LM9073 Datasheet HTML 8Page - National Semiconductor (TI) LM9073 Datasheet HTML 9Page - National Semiconductor (TI) LM9073 Datasheet HTML 10Page - National Semiconductor (TI) LM9073 Datasheet HTML 11Page - National Semiconductor (TI) LM9073 Datasheet HTML 12Page - National Semiconductor (TI) LM9073 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Control Logic Truth Table
ON/OFF Input Keep-Alive Input Main Output Voltage External Supply Output
Voltage
Reset Output
Operating Condition
L
L
0V
0V
0V
OFF, Input curent < 100µA
Rising Edge
L
5V
5V
Rising after delay
Outputs turn ON, Power ON
delayed reset
H
X
5V
5V
5V
Normal ON condition
HX
<4V or
<4.5V or
<5.35V
X0V
Main output pulled out of
regulation,
Reset flag generated.
Threshold depends on Reset
Adjust seting (pin 11)
Falling Edge
H
5V
5V
5V
Keep-Alive, Continued normal
operation
L
Rising Edge
5V
5V
Rising after delay
Outputs turned ON by
Keep-Alive Input
Application Information
Pin Description and Functionality
The LM9073 is a precision dual voltage regulator optimized
for use in powertrain module applications but will also find
use in a wide variety of automotive and industrial applica-
tions were precision supply regulation is required in harsh
operating environments. The following will describe the func-
tionality of each of the package pins.
Input Voltage (pin 4)
The LM9073 has been designed to connect directly to the ig-
nition or battery supply in automotive applications. For this
type of supply the regulator been designed to withstand up to
+60V and −45V supply transients such as load dump. An ov-
ervoltage shut down protection circuit turns OFF both of the
regulator outputs should supply transients exceed typically
+33V to fully protect all load circuitry. This higher threshold
allows normal operation with 24V
DC applied to the input as in
the event when two batteries are used to start a vehicle. Pro-
tection of the system is also provided for inadvertent reverse
polarity battery connections.
The current drain on the supply line is directly proportional to
the load currents on the two voltage regulators. With no load
current on either output the regulator requires 15mA maxi-
mum quiescent current for biasing internal circuitry. During
dropout conditions (V
IN< 5.5V) the additional input current
can rise to 50% of the total load current. With less than 3V
applied to the input, internal biasing circuitry shuts OFF.
When switched OFF the regulator can remain connected to
the battery supply with a current drain of less than 100µA.
Main Output (pin 10)
The Main Output regulator provides a well controlled (2% tol-
erance maximum) 5V supply line with a total load current
Figure 1. Circuit Block Diagram
DS101296-16
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com