Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5070 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5070
Description  Integrated Power Over Ethernet PD Interface and PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5070 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5070 Datasheet HTML 1Page - National Semiconductor (TI) LM5070 Datasheet HTML 2Page - National Semiconductor (TI) LM5070 Datasheet HTML 3Page - National Semiconductor (TI) LM5070 Datasheet HTML 4Page - National Semiconductor (TI) LM5070 Datasheet HTML 5Page - National Semiconductor (TI) LM5070 Datasheet HTML 6Page - National Semiconductor (TI) LM5070 Datasheet HTML 7Page - National Semiconductor (TI) LM5070 Datasheet HTML 8Page - National Semiconductor (TI) LM5070 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pin Description
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
1V
IN
System high potential input.
The diode “OR” of several lines entering the PD, it is the more
positive input potential.
2
RSIG
Signature resistor pin.
Connect a 25k
Ω signature resistor from V
IN to this pin for signature
detection.
3
RCLASS
Classification resistor pin.
Connect the classification programming resistor from this pin to
V
EE.
4
UVLO
Line under-voltage lockout.
An external resistor divider from V
IN to UVLORTN programs the
shutdown levels with a 2.00V threshold at the UVLO pin.
Hysteresis is set by a switched internal 10uA current source that
forces additional current into the resistor divider.
5
UVLORTN Return for the external UVLO resistors, if
used.
Connect the bottom resistor of the resistor divider between the
UVLO pin and this pin.
6
RCLP
Current limit programming pin.
Programs the inrush current limit for the device. If left open, the
inrush current limit will default to 400mA max.
7V
EE
System low potential input.
Diode “OR’d” to the RJ45 connector and PSE’s –48V supply, it is
the more negative input potential.
8
RTN
System return for the PWM converter.
The drain of the internal current limiting power MOSFET which
connects V
EE to the return path of the dc-dc converter.
9
OUT
Output of the PWM controller.
DC-DC converter gate driver output with 800mA peak sink current
capability.
10
V
CC
Output of the internal high voltage series
pass regulator. Regulated output voltage
is nominally 7.8V.
When the auxiliary transformer winding (if used) raises the voltage
on this pin above the regulation set point, the internal series pass
regulator will shutdown, reducing the controller power dissipation.
11
FB
Feedback signal.
Inverting input of the internal error amplifier. The non-inverting
input is internally connected to a 1.25V reference.
12
COMP
The output of the error amplifier and
input to the Pulse Width Modulator.
COMP pull-up is provided by an internal 5K resistor which may be
used to bias an opto-coupler transistor.
13
CS
Current sense input.
Current sense input for current mode control and over-current
protection. Current limiting is accomplished using a dedicated
current sense comparator. If the CS pin voltage exceeds 0.5V the
OUT pin switches low for cycle-by-cycle current limiting. CS is held
low for 50ns after OUT switches high to blank leading edge current
spikes.
14
RT / SYNC Oscillator timing resistor pin and
synchronization input.
An external resistor connected from RT to ARTN sets the oscillator
frequency. This pin will also accept narrow ac-coupled
synchronization pulses from an external clock.
15
SS
Soft-start input.
An external capacitor and an internal 10uA current source set the
soft-start ramp rate.
16
ARTN
Analog PWM supply return.
RTN for sensitive analog circuitry including the SMPS current limit
amplifier.
—
EP
Exposed PAD, underside of the LLP
package option.
Internally bonded to the die substrate. Connect to V
EE potential for
low thermal impedance.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com