Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5070 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5070
Description  Integrated Power Over Ethernet PD Interface and PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5070 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM5070 Datasheet HTML 9Page - National Semiconductor (TI) LM5070 Datasheet HTML 10Page - National Semiconductor (TI) LM5070 Datasheet HTML 11Page - National Semiconductor (TI) LM5070 Datasheet HTML 12Page - National Semiconductor (TI) LM5070 Datasheet HTML 13Page - National Semiconductor (TI) LM5070 Datasheet HTML 14Page - National Semiconductor (TI) LM5070 Datasheet HTML 15Page - National Semiconductor (TI) LM5070 Datasheet HTML 16Page - National Semiconductor (TI) LM5070 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Oscillator, Shutdown and Sync
Capability (Continued)
LM5070-50:
The LM5070 can also be synchronized to an external clock.
The external clock must have a higher frequency than the
free running oscillator frequency set by the RT resistor. The
clock signal should be capacitively coupled into the RT pin
with a 100pF capacitor. A peak voltage level greater than 3.7
volts at the RT pin is required for detection of the sync pulse.
The sync pulse width should be set between 15 to 150ns by
the external components. The RT resistor is always required,
whether the oscillator is free running or externally synchro-
nized. The voltage at the RT pin is internally regulated to a 2
volts. The RT resistor should be located very close to the
device and connected directly to the pins of the controller
(RT and ARTN).
PWM Comparator / Slope
Compensation
The PWM comparator compares the current ramp signal
with the loop error voltage derived from the error amplifier
output. The error amplifier output voltage at the COMP pin is
offset by 1.4V and then further attenuated by a 3:1 resistor
divider. The PWM comparator polarity is such that 0 Volts on
the COMP pin will result in zero duty cycle at the controller
output. For duty cycles greater than 50 percent, current
mode control circuits are subject to sub-harmonic oscillation.
By adding an additional fixed slope voltage ramp signal
(slope compensation) to the current sense signal, this oscil-
lation can be avoided. The LM5070-80 integrates this slope
compensation by summing a current ramp generated by the
oscillator with the current sense signal. Additional slope
compensation may be added by increasing the source im-
pedance of the current sense signal (with an external resis-
tor between the CS pin and current sense resistor). Since
the LM5070-50 is not capable of duty cycles greater than
50%, there is no slope compensation feature in this device.
Softstart
The softstart feature allows the power converter to gradually
reach the initial steady state operating point, thereby reduc-
ing start-up stresses, output overshoot and current surges.
At power on, after the V
CC undervoltage lockout threshold is
satisfied, an internal 10µA current source charges an exter-
nal capacitor connected to the SS pin. The capacitor voltage
will ramp up slowly and will limit the COMP pin voltage and
the duty cycle of the output pulses.
Gate Driver and Maximum Duty
Cycle Limit
The LM5070 provides an internal gate driver (OUT), which
can source and sink a peak current of 800mA. The LM5070
is available in two duty cycle limit options. The maximum
output duty cycle is typically 80% for the LM5070-80 option
and precisely equal to 50% for the LM5070-50 option. The
maximum duty cycle function for the LM5070-50 is accom-
plished with an internal toggle flip-flop which ensures an
accurate duty cycle limit. The internal oscillator frequency of
the LM5070-50 is therefore twice the operating frequency of
the PWM controller (OUT pin).
The 80% maximum duty cycle limit of the LM5070-80 is
determined by the internal oscillator and varies more than
the 50% limit of the LM5070-50. For the LM5070-80, the
internal oscillator frequency and the operational frequency of
the PWM controller are equal.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect the
integrated circuit in the event the maximum junction tem-
perature is exceeded. This feature prevents catastrophic
failures from accidental device overheating. When activated,
typically at 165 degrees Celsius, the controller is forced into
a low power standby state, disabling the output driver, bias
regulator, main interface pass MOSFET, and classification
regulator if enabled. After the temperature is reduced (typical
hysteresis = 25˚C) the V
CC regulator will be enabled and a
softstart sequence initiated.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com