Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5070 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5070
Description  Integrated Power Over Ethernet PD Interface and PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5070 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5070 Datasheet HTML 1Page - National Semiconductor (TI) LM5070 Datasheet HTML 2Page - National Semiconductor (TI) LM5070 Datasheet HTML 3Page - National Semiconductor (TI) LM5070 Datasheet HTML 4Page - National Semiconductor (TI) LM5070 Datasheet HTML 5Page - National Semiconductor (TI) LM5070 Datasheet HTML 6Page - National Semiconductor (TI) LM5070 Datasheet HTML 7Page - National Semiconductor (TI) LM5070 Datasheet HTML 8Page - National Semiconductor (TI) LM5070 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM5070
Integrated Power Over Ethernet PD Interface and PWM
Controller
General Description
The LM5070 power interface port and pulse width modula-
tion (PWM) controller provides a complete integrated solu-
tion for Powered Devices (PD) that connect into Power over
Ethernet (PoE) systems. The LM5070 integrates an 80V,
400mA line connection switch and associated control for a
fully IEEE 802.3af compliant interface with a full featured
current mode pulse width modulator dc-dc converter. All
power sequencing requirements between the controller in-
terface and switch mode power supply (SMPS) are inte-
grated into the IC. Two options are available providing either
an 80% maximum duty cycle limit with slope compensation
(on the –80 suffix) device or a 50% maximum duty cycle limit
and no slope compensation on the (–50 suffix) device.
Features
n
Fully Compliant 802.3af Power Interface Port
n
80V, 1
Ω, 400 mA Internal MOSFET
n
Programmable Inrush Current Limit
n
Detection Resistor Disconnect Function
n
Programmable Classification Current
n
Programmable Under-voltage Lockout with
Programmable Hysteresis
n
Thermal Shutdown Protection
n
Current Mode Pulse Width Modulator
n
Supports both Isolated and Non-Isolated Applications
n
Error Amplifier and Reference for Non-Isolated
Applications
n
Programmable Oscillator Frequency
n
Programmable Soft-start
n
80% Maximum Duty Cycle Limiter, Slope Compensation
(-80 device)
n
50% Maximum Duty Cycle Limiter, No Slope
Compensation (-50 device)
n
800 mA Peak Gate Driver
Packages
n
TSSOP-16
n
LLP-16 (5 mmx5mm)
20120001
December 2004
© 2004 National Semiconductor Corporation
DS201200
www.national.com


Similar Part No. - LM5070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5070 TI-LM5070 Datasheet
1Mb / 24P
LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 23P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI2-LM5070 Datasheet
770Kb / 27P
LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
REVISED APRIL 2013
LM5070MTC-50 TI-LM5070MTC-50 Datasheet
1Mb / 24P
LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
More results

Similar Description - LM5070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
National Semiconductor ...
LM5072 NSC-LM5072 Datasheet
945Kb / 24P
Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Texas Instruments
LM5070MTC-80 TI-LM5070MTC-80 Datasheet
1Mb / 24P
LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
Integrated 100V Power Over Ethernet PD Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com