Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2901-1IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2901-1IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901-1IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2901-1IGN Datasheet HTML 6Page - Linear Technology LTC2901-1IGN Datasheet HTML 7Page - Linear Technology LTC2901-1IGN Datasheet HTML 8Page - Linear Technology LTC2901-1IGN Datasheet HTML 9Page - Linear Technology LTC2901-1IGN Datasheet HTML 10Page - Linear Technology LTC2901-1IGN Datasheet HTML 11Page - Linear Technology LTC2901-1IGN Datasheet HTML 12Page - Linear Technology LTC2901-1IGN Datasheet HTML 13Page - Linear Technology LTC2901-1IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC2901
2901is sn2901
APPLICATIO S I FOR ATIO
Power-Up
The greater of V1, V2 is the internal supply voltage (VCC).
On power-up, VCC will power the drive circuits for the RST
and the COMPX pins. This ensures that the RST and COMPX
outputs will be low as soon as V1 or V2 reaches 1V. The
RST and COMPX outputs will remain low until the part is
programmed. After programming, if any one of the VXinputs
is below its programmed threshold, RST will be a logic low.
Once all the VX inputs rise above their thresholds, an inter-
nal timer is started and RST is released after the pro-
grammed delay time. If VCC < (V3 – 1) and VCC < 2.4V, the
V3 input impedance will be low (1k
Ω typ).
Monitor Programming
The LTC2901 input voltage combination is selected by
placing the recommended resistive divider from VREF to
GND and connecting the tap point to VPG, as shown in
Figure 4. Table 1 offers recommended 1% resistor values
for the various modes. The last column in Table 1 specifies
optimum VPG/VREF ratios (±0.01) to be used when pro-
gramming with a ratiometric DAC.
During power-up, once V1 or V2 reaches 2.4V max, the
monitor enters a programming period of approximately
150
µs during which the voltage on the VPG pin is sampled
and the monitor is configured to the desired input combi-
nation. Do not add capacitance to the VPG pin. Immediately
after programming, the comparators are enabled and
supply monitoring will begin.
Supply Monitoring
The LTC2901 is a low power, high accuracy program-
mable quad supply monitoring circuit with four nondelayed
monitor outputs, a common reset output and a watchdog
timer. Watchdog and reset timing are both adjustable
using external capacitors. Single pin programming selects
1 of 16 input voltage monitor combinations. All four
voltage inputs must be above predetermined thresholds
for the reset not to be invoked. The LTC2901 will assert the
reset and comparator outputs during power-up, power-
down and brownout conditions on any one of the voltage
inputs.
The inverting inputs on the V3 and/or V4 comparators are
set to 0.5V when the positive adjustable modes are selected
(Figure 5). The tap point on an external resistive divider,
connected between the positive voltage being sensed and
ground, is connected to the high impedance noninverting
inputs (V3, V4). The trip voltage is calculated from:
VV
R
R
TRIP =+


05
1
3
4
.
In the negative adjustable mode, the noninverting input on
the V4 comparator is connected to ground (Figure 6). The
tap point on an external resistive divider, connected be-
tween the negative voltage being sensed and the VREF pin,
is connected to the high impedance inverting input (V4).
VREF provides the necessary level shift required to operate
at ground. The trip voltage is calculated from:
VV
R
R
V
V No
al
TRIP
REF
REF
=


=
–
;
.
min
3
4
1 210
Figure 4. Monitor Programming
12
11
10
R1
1%
R2
1%
2901 F04
VREF
VPG
GND
LTC2901
Table 1. Voltage Threshold Programming
VPG
MODE
V1 (V) V2 (V) V3 (V) V4 (V) R1 (k
Ω) R2 (kΩ)VREF
0
5.0
3.3
ADJ
ADJ
Open
Short
0.000
1
5.0
3.3
ADJ
–ADJ
93.1
9.53
0.094
2
3.3
2.5
ADJ
ADJ
86.6
16.2
0.156
3
3.3
2.5
ADJ
–ADJ
78.7
22.1
0.219
4
3.3
2.5
1.5
ADJ
71.5
28.0
0.281
5
5.0
3.3
2.5
ADJ
66.5
34.8
0.344
6
5.0
3.3
2.5
1.8
59.0
40.2
0.406
7
5.0
3.3
2.5
1.5
53.6
47.5
0.469
8
5.0
3.0
2.5
ADJ
47.5
53.6
0.531
9
5.0
3.0
ADJ
ADJ
40.2
59.0
0.594
10
3.3
2.5
1.8
1.5
34.8
66.5
0.656
11
3.3
2.5
1.8
ADJ
28.0
71.5
0.719
12
3.3
2.5
1.8
–ADJ
22.1
78.7
0.781
13
5.0
3.3
1.8
–ADJ
16.2
86.6
0.844
14
5.0
3.3
1.8
ADJ
9.53
93.1
0.906
15
5.0
3.0
1.8
ADJ
Short
Open
1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com