Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2901-1IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2901-1IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901-1IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2901-1IGN Datasheet HTML 8Page - Linear Technology LTC2901-1IGN Datasheet HTML 9Page - Linear Technology LTC2901-1IGN Datasheet HTML 10Page - Linear Technology LTC2901-1IGN Datasheet HTML 11Page - Linear Technology LTC2901-1IGN Datasheet HTML 12Page - Linear Technology LTC2901-1IGN Datasheet HTML 13Page - Linear Technology LTC2901-1IGN Datasheet HTML 14Page - Linear Technology LTC2901-1IGN Datasheet HTML 15Page - Linear Technology LTC2901-1IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC2901
2901is sn2901
PART NUMBER
DESCRIPTION
COMMENTS
LTC690
5V Supply Monitor, Watchdog Timer and Battery Backup
4.65V Threshold
LTC694-3.3
3.3V Supply Monitor, Watchdog Timer and Battery Backup
2.9V Threshold
LTC699
5V Supply Monitor and Watchdog Timer
4.65V Threshold
LTC1232
5V Supply Monitor, Watchdog Timer and Push-Button Reset
4.37V/4.62V Threshold
LTC1326
Micropower Precision Triple Supply Monitor for 5V, 3.3V and ADJ
4.725V, 3.118V, 1V Thresholds (
±0.75%)
LTC1326-2.5
Micropower Precision Triple Supply Monitor for 2.5V, 3.3V and AJD
2.363V, 3.118V, 1V Thresholds (
±0.75%)
LTC1536
Precision Triple Supply Monitor for PCI Applications
Meets PCI tFAIL Timing Specifications
LTC1726-2.5
Micropower Triple Supply Monitor for 2.5V, 3.3V and ADJ
Adjustable RESET and Watchdog Time-Outs
LTC1726-5
Micropower Triple Supply Monitor for 5V, 3.3V and ADJ
Adjustable RESET and Watchdog Time-Outs
LTC1727-2.5/LTC1727-5
Micropower Triple Supply Monitors with Open-Drain Reset
Individual Monitor Outputs in MSOP
LTC1728-1.8/LTC1728-3.3
Micropower Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC1728-2.5/LTC1728-5
Micropower Triple Supply Monitors with Open-Drain Reset
5-Lead SOT-23 Package
LTC1985-1.8
Micropower Triple Supply Monitor with Push-Pull Reset Output
5-Lead SOT-23 Package
LT/TP 0602 1.5K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2002
RELATED PARTS
COMP1
COMP2
COMP3
COMP4
RST
WDO
CRT
CWT
V1
V2
V3
V4
WDI
VREF
VPG
GND
2
16
1
15
6
7
5
9
2.5V MONITOR
12V MONITOR
–2V MONITOR
COMMON RESET OUT
AC PRESENT
4
14
3
13
8
12
11
10
LTC2901-1
CWT
680pF
2901 TA05
CRT2
47nF
78.7k
1%
121k
1%
187k
1%
Q1
2N3904
2.15M
1%
12V
2.5V
–2V
100k
1%
100k
22.1k
1%
10k
COMP1
COMP2
COMP3
COMP4
RST
WDO
CRT
CWT
V1
V2
V3
V4
WDI
VREF
VPG
GND
2
16
1
15
6
7
5
9
5V MONITOR
3.3V MONITOR
1.8V MONITOR
–5.2V MONITOR
12V
5V
3.3V
2.5V
1.8V
–2V
–5.2V
4
14
3
13
8
12
11
10
LTC2901-1
3.3V
5V
1.8V
1N4148
CRT1
47nF
16.2k
1%
121k
1%
487k
1%
LOW
VOLTAGE
SECONDARY
AC/DC
DC/DC
CONVERTERS
–5.2V
86.6k
1%
10k
1N4148
100k
120V AC
tRST1 + tRST2 = 432ms
tWD = 13.6ms
Monitor Seven Supplies (12V, 5V, 3.3V, 2.5V, 1.8V, –2V, –5.2V) with
Sequenced Reset and AC Present Indication
TYPICAL APPLICATIO
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com