Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2901-1IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2901-1IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901-1IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC2901-1IGN Datasheet HTML 1Page - Linear Technology LTC2901-1IGN Datasheet HTML 2Page - Linear Technology LTC2901-1IGN Datasheet HTML 3Page - Linear Technology LTC2901-1IGN Datasheet HTML 4Page - Linear Technology LTC2901-1IGN Datasheet HTML 5Page - Linear Technology LTC2901-1IGN Datasheet HTML 6Page - Linear Technology LTC2901-1IGN Datasheet HTML 7Page - Linear Technology LTC2901-1IGN Datasheet HTML 8Page - Linear Technology LTC2901-1IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC2901
2901is sn2901
2.5V Threshold Voltage
vs Temperature
1.8V Threshold Voltage
vs Temperature
1.5V Threshold Voltage
vs Temperature
ADJ Threshold Voltage
vs Temperature
– ADJ Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–60
2.3750
2.3675
2.3600
2.3525
2.3450
2.3375
2.3300
2.3225
2.3150
2.3075
2.3000
–20
20
40
2901 G04
–40
0
60
80
100
TEMPERATURE (
°C)
–60
1.655
1.665
1.675
1.685
1.695
–20
20
60
100
2901 G05
1.705
1.710
1.660
1.670
1.680
1.690
1.700
–40
0
40
80
TEMPERATURE (
°C)
–60
1.425
1.420
1.415
1.410
1.405
1.400
1.395
1.390
1.385
1.380
–20
20
40
2901 G06
–40
0
60
80
100
TEMPERATURE (
°C)
–60
0.508
0.506
0.504
0.502
0.500
0.498
0.496
0.494
0.492
–20
20
40
2901 G07
–40
0
60
80
100
TEMPERATURE (
°C)
–60
0.018
0.012
0.006
0
–0.006
–0.012
–0.018
–20
20
40
2901 G08
–40
0
60
80
100
TYPICAL PERFOR A CE CHARACTERISTICS
5V Threshold Voltage
vs Temperature
3.3V Threshold Voltage
vs Temperature
3V Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–60
4.675
4.700
4.750
4.725
0
40
100
2901 G01
4.650
4.625
4.600
–40 –20
20
60
80
TEMPERATURE (
°C)
–60
3.135
3.125
3.115
3.105
3.095
3.085
3.075
3.065
3.055
3.045
3.035
–20
20
40
2901 G02
–40
0
60
80
100
TEMPERATURE (
°C)
–60
2.850
2.840
2.830
2.820
2.810
2.800
2.790
2.780
2.770
2.760
–20
20
40
2901 G03
–40
0
60
80
100
TEMPERATURE (
°C)
–60
1.228
1.222
1.216
1.210
1.204
1.198
1.192
–20
20
40
2901 G23
–40
0
60
80
100
VREF vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com