Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SPD
Description  Compact, High-Performance String Pot Dual Ouput to 50
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SPD Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SPD Datasheet HTML 1Page - TE Connectivity Ltd SPD Datasheet HTML 2Page - TE Connectivity Ltd SPD Datasheet HTML 3Page - TE Connectivity Ltd SPD Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SENSOR SOLUTIONS /// SPD
12//2015
Page 1
This compact stringpot provides the ultimate in
ease-of-use and flexibility. This sensor fits in
small spaces, doesn’t need perfect alignment,
mounts in just about any direction imaginable
and has a unique circuit that lets the user
choose 4-20mA or 0-10Vdc output on the fly.
The SPD comes in 4 different stroke ranges up
to 50 inches and is constructed with a rugged
polycarbonate body sealed against IP67 (wet)
environments for both indoor and outdoor
applications. Every unit ships with a stainless
steel mounting bracket that lets the user easily
point the measuring cable in the direction
needed.
High value and economical price makes this
sensor the perfect choice for the OEM and
single-piece user alike. Customer specific
designs available for the OEM, please contact
factory for more information.
SPD
Compact, High-Performance String Pot
Dual Ouput to 50”
Comes With Both 4...20mA and 0...10V Output
Rugged IP67 Polycarbonate Enclosure
Mounting Bracket & Sensor Cover Adjusts for Easy Installation
IN STOCK for Quick Delivery!
Specifications
Full Stroke Range Options
0-4.75 to 0-50 inches
User Selectable Output Signal
4...20 mA (2-wire) / 0...10 Vdc
Input Voltage, 4...20 mA option
8-40 VDC
Input Voltage, 0...10 Vdc option 12-32 VDC
Accuracy
see ordering information
Repeatability
.05% FS.
Resolution
essentially infinite
Measuring Cable
.019-inch dia. nylon-coated stainless steel
Sensor
plastic-hybrid precision potentiometer
Cycle Life
see ordering information
Electrical Connection
M12 connector (mating plug included)
Enclosure
glass-filled polycarbonate
Environmental
IP 67
Operating Temperature
-
40˚ to 160˚ F (-40˚ to 70˚ C)
Weight (includes sensor,
bracket and connector)
.4 lbs (.19 kg)
Output Signal


Similar Part No. - SPD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPD SANYO-SPD Datasheet
57Kb / 2P
C to Ku Band Mixer, Detector, Modulator Applications
logo
Solid States Devices, I...
SPD SSDI-SPD Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
logo
ABLE Power Products
SPD ABLEPOWERPRODUCTS-SPD Datasheet
234Kb / 1P
Over Voltage & Under Voltage Cut-Off With Surge Protection Device
2/16/2023
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
60W, Single Output Adapter
logo
SYNERGY MICROWAVE CORPO...
SPD-10-215 SYNERGY-SPD-10-215 Datasheet
368Kb / 3P
2-WAY POWER DIVIDER
More results

Similar Description - SPD

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1340 AIC-AIC1340 Datasheet
111Kb / 7P
High Performance, Tripple-Ouput, Auto-Tracking Combo Controller
logo
List of Unclassifed Man...
EVB90121 ETC-EVB90121 Datasheet
474Kb / 8P
Ouput power up to 200mila
logo
Texas Instruments
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
High-Efficiency Dual-String White LED Driver
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
logo
TE Connectivity Ltd
SP1 TEC-SP1 Datasheet
1Mb / 5P
Compact String Pot ??Voltage Divider
SP2 TEC-SP2 Datasheet
705Kb / 3P
Compact String Pot ??Incremental
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
STEGO Elektrotechnik Gm...
CR030 STEGO-CR030 Datasheet
236Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com