Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF008 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio??Sweep-Mode Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF008 Datasheet HTML 1Page - Micrel Semiconductor MICRF008 Datasheet HTML 2Page - Micrel Semiconductor MICRF008 Datasheet HTML 3Page - Micrel Semiconductor MICRF008 Datasheet HTML 4Page - Micrel Semiconductor MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MICRF008
Micrel
MICRF008
2
July 2003
Pin Description
Pin Number
Pin Name
Pin Function
1
SEL0
Bandwidth Selection Bit 0 (Input): Sets the desired demodulator filter
bandwidth. See Table 1. Internally pulled-up to V
DD.
2
ANT
Antenna (Input): High-impedance, internally AC-coupled receiver input.
Connect this pin to the matching network. See
“Applications Information” for
optional band-pass filter information.
3
VDD
Positive Supply Input: Connect a low ESL, low ESR decoupling capacitor
from this pin to V
SS, as short as possible.
4
CTH
[Data Slicing] Threshold Capacitor (External Component): Capacitor
extracts the DC average value from the demodulated waveform which
becomes the reference for the internal data slicing comparator. See
“Appli-
cations Information” for selection.
5
DO
Digital Output (Output): CMOS-level compatible data output signal.
6
VSS
Negative Supply Input: Connect this pin to the RF ground.
7
CAGC
AGC Capacitor (External Component): Integrating capacitor for on-chip
AGC (automatic gain control). The decay/attack time-constant (
τ) ratio is
nominally 10:1. See
“Applications Information” for capacitor selection.
8
REFOSC
Reference Oscillator (External Component or Input): Timing reference for
on-chip tuning and alignment. Connect either a ceramic resonator or a
crystal between this pin and V
SS, or drive the input with an AC-coupled
0.5V
PP input clock.
Pin Configuration
1
SEL0
ANT
VDD
CTH
8
REFOSC
CAGC
VSS
DO
7
6
5
2
3
4
8-Pin SOP (M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com