Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF008 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio??Sweep-Mode Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF008 Datasheet HTML 1Page - Micrel Semiconductor MICRF008 Datasheet HTML 2Page - Micrel Semiconductor MICRF008 Datasheet HTML 3Page - Micrel Semiconductor MICRF008 Datasheet HTML 4Page - Micrel Semiconductor MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
July 2003
5
MICRF008
MICRF008
Micrel
Functional Description
The entire block diagram illustrates the basic structure of the
MICRF008BM. It is made of three sub-blocks, which are the
UHF Downconverter, the OOK Demodulator, and the Refer-
ence and Control. Also shown in the figure are two capacitors
(C
TH, and CAGC) and the reference frequency device, usually
a ceramic resonator. With the exception of a supply decoupling
capacitor and the matching network on the antenna pin, these
are all the external components needed with the MICRF008BM
to make a complete UHF receiver. There is one control input,
the SEL0 pin. The purpose is to set the demodulator filter
bandwidth of either 2.4kHz or 4.8kHz, and is set high or low
according to the minimum pulse width in the demodulated
signal. The input is CMOS compatible, and is pulled-up
internally in the IC.
Receiver Operation
The MICRF008BM is a superheterodyne receiver working in
sweep mode. It is capable of data rates up to
9.6kbaud NRZ or 4.8kbaud Manchester encoded. The
MICRF008BM RF center frequency is controlled by a com-
Functional Diagram
Comparator
ANT
VCC
VSS
SEL0
REFOSC
Ceramic
Resonator
CAGC
RF
Amp
tRF
tIF
tLO
RBC
mboer
1MHz
Programmable
Low-Pass
Filter
Peak
Detector
Reference
Oscillator
Synthesizer
Control
Logic
IF
Amp
IF
Amp
CTH
DO
OOK Demodulator
UHF Downconverter
Switched-Cap
Resistor
Reference and Control
AGC
Control
pletely integrated PLL/VCO frequency synthesizer with
frequency set by a ceramic resonator. The actual swept
bandwidth is approximately 3% of the RF carrier frequency.
It makes an ideal part to work with LC-based transmitters or
other types of transmitters that are not precise in nature and
vary their frequency with time. In sweep mode the LO
frequency (local oscillator) is varied in a rate much higher
than the data signal, which results in down-conversion of
approximately 3% of the carrier frequency present at the
antenna pin. The low level RF signal is amplified by the RF
amp section and downconverted by the mixer to the IF
frequency which is amplified and filtered internally in the
device and further amplified for the peak detector. The peak
detector will detect the IF and further filtering is accomplished
in the programmable low-pass filter. The detected/filtered
signal is compared with the DC value of the demodulated
signal in the data-slicer and a digital output is provided from
the DO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com