Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF008 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio??Sweep-Mode Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF008 Datasheet HTML 1Page - Micrel Semiconductor MICRF008 Datasheet HTML 2Page - Micrel Semiconductor MICRF008 Datasheet HTML 3Page - Micrel Semiconductor MICRF008 Datasheet HTML 4Page - Micrel Semiconductor MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
July 2003
3
MICRF008
MICRF008
Micrel
Electrical Characteristics (Note 4)
+4.75V
≤ V
DD ≤ 5.5V, VSS = 0V; CAGC = 4.7µF, CTH = 2.2µF no preamble for data; fREFOSC = 3.36MHz; TA = 25°C, bold values
indicate –40
°C ≤ T
A ≤ +85°C; current flow into device pins is positive; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
OP
Operating Current
continuous 315MHz operation
7
9
mA
continuous 433.92MHz operation
13
16
mA
reference oscillator powered down
2
2.5
mA
RF Section, IF Section
Receiver Sensitivity
315MHz, SEL0 = 0V; Notes 5, 6
–90
–95
dBm
433.92MHz, SEL0 = 0V; Notes 5, 6
–90
–95
dBm
f
IF
IF Center Frequency
Note 7
2.0
MHz
f
BW
IF Bandwidth
315MHz; Note 6, 7
0.8
MHz
433.92MHz; Note 6, 7
1.1
MHz
Maximum Receiver Input
R
SC = 50Ω
–20
dBm
Spurious Reverse Isolation
ANT pin, R
SC = 50Ω, Note 8
30
µVrms
AGC Attack to Decay Ratio
t
ATTACK ÷ tDECAY
0.1
Reference Oscillator
Reference Oscillator
7
µA
Source Current
Z
REFOSC
Reference Oscillator
Note 9
200
k
Ω
Input Impedance
Demodulator
Z
CTH
C
TH Source Impedance
V
SEL0 = VDD, See Table 1, Note 10
220
k
Ω
∆Z
CTH
Maximum C
TH Source Impedance
±15
%
Variation
Digital/Control Section
Z
IN(pu)
Input Pull-Up Impedance
SEL0
1.0
M
Ω
I
OUT
Output Current
DO pin, push-pull
10
µA
V
OUT(high)
Output High Voltage
DO pin, I
OUT = 1µA
0.8V
DD
V
V
OUT(low)
Output Low Voltage
DO pin, I
OUT = 1µA
0.2V
DD
V
t
R, tF
Output Rise and Fall Times
DO pin, C
LOAD = 15pF
10
µs
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Use appropriate ESD precautions. Meets Class 1 ESD test requirements, (human body model, HBM), in accor-
dance with MIL-STD-883C, method 3015. Do not operate or store near strong electrostatic fields.
Note 4.
Specification for packaged product only.
Note 5.
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10–2 BER (bit error rate). The input signal is
defined as a return-to-zero (RZ) waveform with 50% average duty cycle at a data rate of 1kbps (Manchester encoded). The RF input is
assumed to be matched into 50
Ω.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
DDRF, VDDBB) .................................... +7V
Reference Oscillator Input Voltage (V
REFOSC) .......... VDDBB
Input/Output Voltage (V
I/O) ................. VSS–0.3 to VDD+0.3
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature Range (T
S) ............ –65°C to +150°C
Lead Temperature (soldering, 10 sec.) ................... +260
°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
DD) ................................ +4.75V to +5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
RF Operating Range ........................... 300MHz to 440MHz
Data Duty Cycle ............................................... 20% to 80%
Reference Oscillator Input Range ............ 0.2V
PP to 1.5VPP
Demod Bandwidth .......................................... 0.1 to 4.8kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com