Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAD4.100 Datasheet(PDF) 2 Page - PULS GmbH

Part # SLAD4.100
Description  AS-Interface DC/DC converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLAD4.100 Datasheet(HTML) 2 Page - PULS GmbH

  SLAD4.100 Datasheet HTML 1Page - PULS GmbH SLAD4.100 Datasheet HTML 2Page - PULS GmbH SLAD4.100 Datasheet HTML 3Page - PULS GmbH SLAD4.100 Datasheet HTML 4Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/ 4
slad4e100 / 071026
SLAD4.100
Data sheet
Efficiency, Reliability
Operating and environmental data
Efficiency typ.
90.5% (input 24Vdc, output 4A) , see Fig. 4
Power dissipation typ. 12.7W (input 24Vdc, output 4A), see Fig. 5
Non-operating
temperature range
-40°C up to +85°C
Operating
temperature range
-25°C up to +70°C
(measured at 25mm below the unit)
Derating
from 60°C 3W/K onwards,
power reduction necessary, see Fig. 6
Cooling
natural convection,
no forced air-cooling necessary
Over-temperature
protection
Yes, output shutdown with automatic
restart
Humidity
protect from moisture and condensation
Vibration sinusodial
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g;
2 hours / axis;
IEC 60068-2-6
Shock
30g 6ms, 20g 11ms 3 bumps / direction,
18 bumps in total;
IEC 60068-2-27
Degree of pollution
2 ( EN 60950-1)
Overvoltage category
II ( IEC 60950-1)
III ( IEC 62103)
Electromagnetic Compatibility (EMC)
Emissions
EN 61000-6-3 (also includes EN 61000-6-4)
Class B (EN 55011, EN 55022)
Immunity
EN 61000-6-2 (also includes EN 61000-6-1)
Electrostatic
Discharge
EN 61000-4-2
Contact discharge
Air discharge
8kV
15kV
Criterion A
Criterion A
Electromagnetic
RF fields
EN 61000-4-3
80MHz-2.7GHz
10V/m Criterion A
Fast transients
(Burst)
EN 61000-4-4
Input lines
Output lines
2kV
4kV
Criterion A
Criterion A
Surge voltage on
input
EN 61000-4-5
+
-
+ / -
chassis ground
1kV
2kV
Criterion A
Criterion A
Surge voltage on
output
EN 61000-4-5
+
-
+ / -
chassis ground
500V
500V
Criterion A
Criterion A
Conducted
disturbance
EN 61000-4-6
0,15-80MHz
10V
Criterion A
Criterions:
A: DC/DC converter shows normal operation behavior within the defined limits.
C: Temporary loss of function is possible. DC/DC converter might shut-down and
restarts by itself. No damage or hazards will occur to the DC/DC converter.
Schematic
Input Fuse
&
Input Filter
Power
Converter
Output
Filter
Output
Over-
Voltage
Protection
Reverse
Polarity
Protection
&
Inrush
Limiter
Chassis
Ground
+
-
Over-
Temperature
Protection
AS-i ok
(green)
AS-i +
AS-i +
Shield
AS-i -
AS-i -
AS-i
Decoupling
Unit
Fig.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com