Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAD4.100 Datasheet(PDF) 1 Page - PULS GmbH

Part # SLAD4.100
Description  AS-Interface DC/DC converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLAD4.100 Datasheet(HTML) 1 Page - PULS GmbH

  SLAD4.100 Datasheet HTML 1Page - PULS GmbH SLAD4.100 Datasheet HTML 2Page - PULS GmbH SLAD4.100 Datasheet HTML 3Page - PULS GmbH SLAD4.100 Datasheet HTML 4Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
slad4e100 / 071026
1/ 4
EMC and
Low Volt.
Directive
AS-Interface
DC/DC converter with 4A
SLAD4.100
• Input: DC 24V
• Output: 30.55V / 4A
• AS Interface data decoupling
• For highly demanding industrial
applications
The primary switched mode DIN rail DC/DC converter SLAD4.100 specif-
ically supplies AS Interface systems with energy. The AS-Interface bus
technology allows to connect up to 62 participants to a control and to
supply them with energy with a single two-conductor cable.
When connecting slaves, the yellow AS-Interface cable offers the high
degree of protection IP67 in conjunction with the insulation displace-
ment. The communication signals of the individual network participants
are modulated onto the supply voltage. For this purpose, specific DC/DC
converter units with integrated
data decoupling are required for AS-Interface systems.
Order information
Order number
Description
SLAD4.100
SLZ10
ZM1.Wall
ZM11.SIDE
AS-Interface DC/DC converter
DIN-Rail bracket for S7-300 Simatic-Rail
Wall mounting bracket
Side mounting bracket
Short description
Input
Rated voltage
DC 24V
Input voltage range
18.0-32.4Vdc Continuous operation
See Fig.2
14.0-18.0Vdc max. 60 seconds or with derating
max. 36.0 Vdc Absolute maximum continuous
input voltage with no damage to the DC/DC
converter.
Allowed voltage be-
tween input and earth
(ground)
max. 60Vdc or 42.4Vac
Allowed input ripple
voltage
max. 5Vpp, 47Hz-40kHz, the momentary input
voltage must always be within the specified
limits.
Turn-on voltage
typ. 17.5Vdc Steady-state value
Reverse input polarity
protection
Included, unit does not start when input
voltage is reversed
Shut down voltage
typ. 14.0Vdc Steady-state value
typ. 35Vdc Steady-state value
Input current
typ. 5.6A at 24Vdc input and output 30.55V, 4A
Inrush current
Max. 1.8A peak at -25°C up to +70°C
Inrush energy
Typ. < 1A2s at -25°C up to +70°C
Start-up delay
typ. 650ms
Rise time
typ. 100ms constant current load 4A
typ. 200ms constant current load 4A with
external 5mF capacitor
Integrated internal
fuse
T10A HBC ( not accessible)
External capacitors on the input voltage bus are allowed without any
limitations.
Output
Rated voltage
DC 30.55V +/- 3% ( not adjustable )
Rated current
4A
Input / output
separation
SELV IEC / EN 60950-1
PELV IEC 60364-4-41, EN 60204-1, IEC 62103
Double or reinforced insulation,
Max. allowed voltage between any input pin
and ground: 60Vdc or 42.4Vac
Current limitation
> 4.4A
Overload behaviour
Continous current, see Fig. 3
Short-circuit current
min. 5A , max. 9A
Load regulation
< 250mV Static value, 0A
4A
0A
Line regulation
< 5mV Input variations between 18 to 32.4Vdc
Ripple
< 50mVpp ( 500kHz bandwith, 50 Ohm meas-
urement, ohmic load)
Noise (spikes)
< 100mVpp ( 20Hz to 20MHz bandwith, 50
Ohm measurement, ohmic load
Over-voltage
protection
Max. 36V
Operating indicator
Green LED (extinguishes at overload)
Output is protected against short-circuit, open circuit and overload.
Use AS-Interface DC/DC converters only together with AS-Interface
lines.
®


Similar Part No. - SLAD4.100

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLADCSLA SONGLERELAY-SLADCSLA Datasheet
3Mb / 2P
Miniature volume, PCB usage
SLADCSLB SONGLERELAY-SLADCSLB Datasheet
3Mb / 2P
Miniature volume, PCB usage
SLADCSLC SONGLERELAY-SLADCSLC Datasheet
3Mb / 2P
Miniature volume, PCB usage
More results

Similar Description - SLAD4.100

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4078B TEMIC-U4078B Datasheet
49Kb / 5P
Tone Ringer Interface with DC/DC Converter
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
logo
ON Semiconductor
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
Isahaya Electronics Cor...
VLA127-02R ISAHAYA-VLA127-02R Datasheet
548Kb / 4P
IPM INTERFACE MODULE WITH DC-DC CONVERTER
VLA127-03R ISAHAYA-VLA127-03R Datasheet
555Kb / 4P
IPM INTERFACE MODULE WITH DC-DC CONVERTER
logo
ON Semiconductor
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
logo
AiT Semiconductor Inc.
A7506 AITSEMI-A7506 Datasheet
872Kb / 12P
DC-DC CONVERTER BOOST(STEP-UP) VIN AS LOW AS 0.85V MICRO-POWER SYNC
REV2.1
logo
Toshiba Semiconductor
2SK423 TOSHIBA-2SK423 Datasheet
121Kb / 3P
HIGH SPEED SWITCHING APPLICATIONS. DC-DC CONVERTER AND INTERFACE APPLICATIONS.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com