Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAD4.100 Datasheet(PDF) 3 Page - PULS GmbH

Part # SLAD4.100
Description  AS-Interface DC/DC converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLAD4.100 Datasheet(HTML) 3 Page - PULS GmbH

  SLAD4.100 Datasheet HTML 1Page - PULS GmbH SLAD4.100 Datasheet HTML 2Page - PULS GmbH SLAD4.100 Datasheet HTML 3Page - PULS GmbH SLAD4.100 Datasheet HTML 4Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
slad4e100 / 071026
3/ 4
SLAD4.100
Data sheet
Connectors and terminals
Front elements
Terminals
Fingertouch-proof terminals with captive
screws for 5.5 mm slotted screwdriver or Philips
cross-recessed screwdriver No. 2
Position
Easy to reach terminals on the front panel;
Input and output clearly separate from each
other
Tightening torque
0.8 Nm
Wire gauge
• flexible cable
• solid cable
0.5-4mm2 (20-10AWG)
0.5-6mm2 (20-10AWG)
Ferrules
Admissible
Stripping length
7mm
Input DC 24V
+ Input
- Input
Chassis Ground Ground this terminal to minimize high-frequency
emissions.
Output DC 30.5V /4A
brown
Positive AS-Interface output voltage (twice)
blue
Negative AS-Interface output voltage (twice)
Shield
Connection of machine ground.
Functional earth for balancing the AS-Interface out-
put. Connection is recommended for EMC purpose
Construction / Mechanics
Installation notes
Housing
Robust metal housing for built-in installation
Degree of protection
IP20 (EN 60529)
Class of protection
1 (IEC 60536)
Width w
Height h
Depth d
40mm
124mm
102mm (without DIN rail)
Weight
Appr. 500g
External fusing
Not necessary (internal fuse)
Mounting position
Vertical; input below, output above
Free space for
cooling
Above / below 25mm recommended
Left / right 15mm recommended
Operation without AS-Interface:
This AS-Interface DC/DC converter has an inductive output. When op-
erating without AS-Interface structure (e.g. in a laboratory test) you
should connect a 470µF / 35V capacitor between AS-Interface + and AS-
Interface - as commercial electronic loads in combination with the data
decoupling often tend to oscillate, and the oscillation may exceed the
permitted modulation voltage.
Otherwise, equipment may be destroyed.
Operating indicators and elements
DIN-rail mouting bracket
Plastic slider:
• Mounting: Place the unit onto the DIN-rail and push it down-
wards and against the lower front edge until it snaps into place.
• Detachment: Push downwards and detach the unit from its DIN-
rail mounting bracket.
Output terminals:
Dual terminals for
AS-Interface + and
AS-Interface –
Input terminals
Machine ground
connection
Green LED:
ON: AS-Interface voltage is
within the limits.
OFF: at overload or
missing input voltage
Plastic slider



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com