Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2Y2403 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP2Y2403
Description  3W 1KVDC Isolated Wide Input DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2Y2403 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP2Y2403 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2Y2403 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2Y2403 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP2Y2403 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP2Y Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 4
DESCRIPTION:
The TP2Y series are a range of isolated 3 Watt converters in a low profile DIP package, 2:1 wide input
range and tightly regulated output voltage qualifies these converters for many cost critical applications
in industrial and consumer electronics. Operating temperature ranges from -40℃to 85℃, the internal
SMD construction makes it possible to offer a product with high performance at low cost
3W 1KVDC Isolated Wide Input DC/DC Converters
FEATURES
RoHS compliant
Industry standard footprint
Efficiency up to 82%
Power density 0.90W/cm3
2:1 wide input range
Single isolated output
Short circuit protection
Low profile 24 pin case
UL 94V-0 package material
Operating temperature :-40℃to 85℃
Input voltage: 5V, 12V, 24V, 48V
Output voltage: 3.3V, 5V, 9V, 12V, 15V
SELECTION GUIDE
Part Number
Input voltage
Rated output
voltage
Output current
Efficiency
(Min.)
Voltage(VDC)
Min. Load
Full load
Rated
Range values
V
mA
mA
%
TP2Y0505
5 (2:1)
4.5-9
5
100-150
390-590
65
TP2Y0509
5 (2:1)
4.5-9
9
55-83
220-332
71
TP2Y0512
5 (2:1)
4.5-9
12
43-63
165-250
71
TP2Y0515
5 (2:1)
4.5-9
15
32-49
132-200
72
TP2Y1205
12 (2:1)
9-18
5
150
595
71
TP2Y1209
12 (2:1)
9-18
9
83
330
78
TP2Y1212
12 (2:1)
9-18
12
62
251
78
TP2Y1215
12 (2:1)
9-18
15
50
200
79
TP2Y2403
24 (2:1)
18-36
3.3
228
910
70
TP2Y2405
24 (2:1)
18-36
5
149
600
70
TP2Y2409
24 (2:1)
18-36
9
82
332
77
TP2Y2412
24 (2:1)
18-36
12
61
251
80
TP2Y2415
24 (2:1)
18-36
15
49
200
82
TP2Y4803
48 (2:1)
36-72
3.3
228
910
71
TP2Y4805
48 (2:1)
36-72
5
149
600
74
TP2Y4809
48 (2:1)
36-72
9
82
332
80
TP2Y4812
48 (2:1)
36-72
12
61
251
82
TP2Y4815
48 (2:1)
36-72
15
49
200
82
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
All TP2Y05xx
4.5
5
9
VDC
Voltage range
All TP2Y12xx
9
12
18
VDC
Voltage range
All TP2Y24xx
18
24
36
VDC
Voltage range
All TP2Y48xx
36
48
72
VDC
TOPPOWER


Similar Part No. - TP2Y2403

ManufacturerPart #DatasheetDescription
logo
C&K Components
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AQ-E-2-2 CK-COMPONENTS-TP11-SH-AQ-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AR-E-2-2 CK-COMPONENTS-TP11-SH-AR-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
More results

Similar Description - TP2Y2403

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
Isolated 3W Wide Input Dual Output DC-DC Converters
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
Isolated 3W Wide Input Dual Output DC/DC Converters
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
1kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2S TOPPOWER-TP2S Datasheet
631Kb / 3P
3W 1KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com