Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPNA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPNA
Description  1W 3KVDC Isolated Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPNA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPNA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPNA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPNA Datasheet HTML 3Page - Toppower Electronic Technology Limited TPNA Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPNA Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 4
TPNA 5V INPUT VOLTAGE
TPNA 12V INPUT VOLTAGE
TPNA 24V INPUT VOLTAGE
TPNA 15V INPUT VOLTAGE
TPNA 48V INPUT VOLTAGE
15V
12V
9V
5V
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
15V
12V
9V
5V
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
15V
12V
9V
5V
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
15V
12V
9V
5V
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
15V
12V
9V
5V
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
Load(%)
Load(%)
Load(%)
Load(%)
Load(%)
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com