Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPNA Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TPNA
Description  1W 3KVDC Isolated Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPNA Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TPNA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPNA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPNA Datasheet HTML 3Page - Toppower Electronic Technology Limited TPNA Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPNA Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 4 of 4
MECHANICAL DIMENSIONS
PIN CONNECTIONS
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
5
OV
6
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds, this series are backward compatible with
Sn/Pb soldering systems.
Unless otherwise stated all dimensions in mm ±0.5mm.
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length : 520mm ±2mm.
Tube Quantity : 25PCS
9.30
5.00
2.54
5 孔
1.00
1.15 5 HOLES
1.54
2.52
12.70
2.54
YYWW
TPNA0505S
19.50
0.55
0.45
1 2
45
6
6.00
10.00
0.55
0.45
4.60
3.60
0.30
0.20
1.25
bottom view
TOPPOWER
All dimensions in mm±0.25mm.All pins on a 2.54 mm pitch and within±0.25 mm of true position
Weight: 2.3 g
SIP Package
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com