Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPNA Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPNA
Description  1W 3KVDC Isolated Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPNA Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPNA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPNA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPNA Datasheet HTML 3Page - Toppower Electronic Technology Limited TPNA Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPNA Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 4
DESCRIPTION:
The TPNA series are miniature, isolated 1W DC/DC converters in a SIP package.
They offer the ideal solution in many space critical applications for board level
power distribution. The internal SMD construction makes it possible to offer a
product with high performance at low cost. The series offers smaller size, improved
efficiency, lower output ripple noise and 3KVDC isolation.
1W 3KVDC Isolated Dual Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Load Regulation (Max)
Efficiency (Typ.)
V
V
mA
%
%
TPNA0505S
5
±5
±100/±10
5.1
84
TPNA0509S
5
±9
±55/±5.5
4.3
86
TPNA0512S
5
±12
±42/±4.2
4.6
86
TPNA0515S
5
±15
±33/±3.3
4.5
86
TPNA1205S
12
±5
±100/±10
3.9
84
TPNA1209S
12
±9
±55/±5.5
2.8
86
TPNA1212S
12
±12
±42/±4.2
2.9
88
TPNA1215S
12
±15
±33/±3.3
2.7
87
TPNA1505S
15
±5
±100/±10
3.5
84
TPNA1509S
15
±9
±55/±5.5
2.6
87
TPNA1512S
15
±12
±42/±4.2
2.6
87
TPNA1515S
15
±15
±33/±3.3
2.6
89
TPNA2405S
24
±5
±100/±10
3.6
84
TPNA2409S
24
±9
±55/±5.5
2.6
87
TPNA2412S
24
±12
±42/±4.2
2.6
87
TPNA2415S
24
±15
±33/±3.3
2.5
88
TPNA4805S
48
±5
±100/±10
4
80
TPNA4809S
48
±9
±55/±5.5
3
82
TPNA4812S
48
±12
±42/±4.2
3
83
TPNA4815S
48
±15
±33/±3.3
2.5
83
Add suffix “P” for continuous short circuit protection, for example TPNA0505SP.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
11
12
13.3
V
Voltage range
15V input variants
13.5
15
16.4
V
Voltage range
24V input variants
21.6
24
26
V
Voltage range
48V input variants
43
48
53
V
Reflected ripple current
5V input variants
5
13
mA p-p
Reflected ripple current
12V input variants
5
10
mA p-p
Reflected ripple current
15V input variants
4
10
mA p-p
Reflected ripple current
24V input variants
4
10
mA p-p
Reflected ripple current
48V input variants
25
40
mA p-p
FEATURES
RoHS compliant、CE certification
Efficiency up to 89%
Power density 0.85W/cm3
Operating temperature: -40℃to 105℃
UL 94V-0 package material
Input voltage:5V, 12V,15V,24V,48V
Industry standard pinout
Power sharing on output
Output voltage: ±5V, ±9V, ±12V, ±15V
TOPPOWER


Similar Part No. - TPNA

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPN GREATECS-TPN Datasheet
325Kb / 1P
SPST THT Tactile Switches with LED
logo
Turck, Inc.
TPN-104A-H01-L2000-I100 TURCK-TPN-104A-H01-L2000-I100 Datasheet
635Kb / 2P
Temperature Detection – Insertion Probe
11/08/2023
logo
Europa PLC
TPN03SPD12M EUROPA-TPN03SPD12M Datasheet
629Kb / 2P
TPN 3 PHASE BOARDS (125A) inc. TYPE 1/2 SPD and ISOLATOR PREWIRED
TPN03SPD2MCB EUROPA-TPN03SPD2MCB Datasheet
745Kb / 2P
TPN 3 Phase Boards (125A) inc. TYPE 2 SPD and MCB PREWIRED
TPN05SPD12M EUROPA-TPN05SPD12M Datasheet
629Kb / 2P
TPN 3 PHASE BOARDS (125A) inc. TYPE 1/2 SPD and ISOLATOR PREWIRED
More results

Similar Description - TPNA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
NTV CANDD-NTV Datasheet
367Kb / 2P
3kVDC Isolated 1W Dual Output SM DC-DC Converters
logo
Murata Manufacturing Co...
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NTV1215MC MURATA-NTV1215MC Datasheet
196Kb / 4P
3kVDC Isolated 1W Dual Output SM DC/DC Converters
NTV0505MC MURATA-NTV0505MC Datasheet
196Kb / 4P
3kVDC Isolated 1W Dual Output SM DC/DC Converters
NTV0505MC-R MURATA-NTV0505MC-R Datasheet
196Kb / 4P
3kVDC Isolated 1W Dual Output SM DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPAT TOPPOWER-TPAT Datasheet
436Kb / 4P
1W 3KVDC Isolated Dual Output SMD DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com