Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POL30 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # POL30
Description  POL30 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

POL30 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  POL30 Datasheet HTML 1Page - Wall Industries,Inc. POL30 Datasheet HTML 2Page - Wall Industries,Inc. POL30 Datasheet HTML 3Page - Wall Industries,Inc. POL30 Datasheet HTML 4Page - Wall Industries,Inc. POL30 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev B
POL30 SERIES
Up to 30A
DC/DC Non-Isolated Open Frame Converter
Single Output
2/1/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5Vin(nom) Vin(min.)=Vout(set) + 1.5VDC
4.5
5
5.5
VDC
12Vin(nom) Vin(min.)=Vout(set) + 2.4VDC
6
12
14
Input Reflected Ripple Current
5~20MHz, 1µH source impedance
100
mAp-p
Start-Up Voltage
4.4
VDC
Shutdown Voltage
4.3
VDC
Input Filter(2)
Capacitor Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
%of Vout(set)
-1.5
+1.5
%
Line Regulation
Vin=Vin(min.) to Vin(max.) at Full Load; % of Vout(set)
-0.1
+0.1
%
Load Regulation
No Load to Full Load; % of Vout(set)
-0.7
+0.4
%
Voltage Adjustability(3)
POLT30-12T
0.8
5.5
VDC
Others
0.8
3.63
Remote Sense
0.5
VDC
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise
Measured by 20MHz bandwidth, with a 1µF MLCC & a 10µF T/C
75
mVp-p
Dynamic Load Response
With a 1µF MLCC & a 10µF T/C
ΔIo/Δt=5A/µs, Vin(nom) Peak deviation
30
mV
50% load step change
Setting time (Vout<10% peak deviation)
25
µs
Dynamic Load Response
With 2pcs of 150µF polymer capacitors
ΔIo/Δt=5A/µs, Vin(nom) Peak Deviation
250
mV
50% load step change
Setting Time(Vout<10% peak deviation)
40
µs
Temperature Coefficient
-0.5
+0.5
%/ºC
Rise Time
Time for Vout to rise from 10% to 90% of Vout(set)
10
ms
Output Voltage Overshoot-Startup
Vin=Vin (min.) to Vin(max.) at Full Load; % of Vout (set)
3.0
%
REMOTE ON/OFF CONTROL(4)
Negative Logic (Standard)
DC-DC ON
Open of -0.3~1.2VDC
DC-DC OFF
3.0VDC~Vin (max.)
Positive Logic (Option)
DC-DC ON
Open or 3.0VDC~Vin(max.)
DC-DC OFF
-0.3~1.2VDC
Input Current of CTRL Pin
0.2
mA
Remote OFF Input Current
3.3
mA
Turn-On Delay Time(5)
2.5
ms
Active Load Share (Option)(6)
% of Iout rated
Accuracy
10
%
Number of units in parallel
5
pcs
Sequencing Delay Time
Delay from Vin, min. to application of voltage on SEQ pin
10
Ms
Tracking Accuracy
|VSEQ – Vout |
Vin(min.) to Vin(max.), Iout(min.) to Iout(max.), VSEQ < Vout
mV
Power-Up (2V/ms)
100
Power-down (1V/ms
200
PROTECTION
Short Circuit Protection
Hiccup, Automatic Recovery
Over Load Protection
% of Iout rated
150
%
Over Temperature Protection
125
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
With Derating
-40
+85
ºC
Storage Temperature
-55
+125
ºC
Thermal Shock
MIL-STD-810F
Relative Humidity
Non-Condensing
5
95
%RH
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
1,258,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
261
300
339
kHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com