Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POL30 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # POL30
Description  POL30 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

POL30 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  POL30 Datasheet HTML 1Page - Wall Industries,Inc. POL30 Datasheet HTML 2Page - Wall Industries,Inc. POL30 Datasheet HTML 3Page - Wall Industries,Inc. POL30 Datasheet HTML 4Page - Wall Industries,Inc. POL30 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev B
POL30 SERIES
Up to 30A
DC/DC Non-Isolated Open Frame Converter
Single Output
2/1/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
PHYSICAL SPECIFICATIONS
Weight
SMD Models
0.21oz (6g)
SIP Models
0.25oz (7g)
Dimensions (L x W x H)
SMD Models
POLS-05T
1.30in x 0.53in x 0.37in
(33mm x 13.5mm x 9.4mm)
POLS-12T
1.30in x 0.53in x 0.31in
(33mm x 13.5mm x 7.8mm)
SIP Models
POLT-05T
2in x 0.50in x 0.37in
(50.8mm x 12.7mm x 9.4mm)
POLT-12T
2in x 0.50in x 0.31in
(50.8mm x 12.7mm x 7.8mm)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
UL60950-1, EB60950-1, IEC60950-1
Lead-Free Reflow Solder Process
IPC J-STD-020D
Moisture Sensitivity Level (MSL)
IPC J-STD-033B
Level 2a
NOTES
1.
Test by minimum input and constant resistive load.
2.
To make sure the module is stable, it is necessary that input external capacitors minimize input ripple voltage of the module.
3.
Output voltage programmable from 0.8V to 5.0V by connecting a single resistor (shown as Trim Table) between the Trim and GND pins of the
module. To calculate the value of the resistor Rtrim for a a particular output voltage Vout, use the following equation:
Trim Figure
Trim Table
4.
Referred to –Vin pin
5.
Case 1: ON/OFF input is set to logic low (module on) and then input power is applied (delay from instant at which Vin=Vin(min) until Vout=10% of
Vout(set))
Case 2: Input power is applied for at least one second and then the ON/OFF input is set to logic low (delay from instant at which Von/off=0.3VDC
until Vout=10% of vout(set))
6.
Selecting current share function may cause regulations to not meet listed specifications.
CAUTION: This power module is not internally fused. An input line fused must always be used.
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
POLS30-05T, Vout=3.3V Derating Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com