Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POL30 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # POL30
Description  POL30 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

POL30 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  POL30 Datasheet HTML 1Page - Wall Industries,Inc. POL30 Datasheet HTML 2Page - Wall Industries,Inc. POL30 Datasheet HTML 3Page - Wall Industries,Inc. POL30 Datasheet HTML 4Page - Wall Industries,Inc. POL30 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev B
POL30 SERIES
Up to 30A
DC/DC Non-Isolated Open Frame Converter
Single Output
2/1/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
POLS30
PIN CONNECTION
PIN
DEFINE
1
Ctrk
2
GND (option)
3
Share (option)
4
+Sense
5
Trim
6
+Vout
7
GND
8
Seq
9
GND (option)
10
+Vin
Notes:
1.
All dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.xx±0.5)
x.xxx±0.01 (x.xx±0.25)
3.
Pin Pitch Tolerance ±0.01 (0.25)
4.
Pin Dimension Tolerance ±0.004(0.1)
POLT30
PIN CONNECTION
PIN
DEFINE
1
+Vout
2
+Vout
3
+Sense
4
+Vout
5
GND
6
GND
7
Share (Option)
8
GND
9
+Vin
10
+Vin
11
Seq
12
Trim
13
Ctrl



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com