Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS01C Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSLS01C
Description  PSLS01C SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS01C Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSLS01C Datasheet HTML 1Page - Wall Industries,Inc. PSLS01C Datasheet HTML 2Page - Wall Industries,Inc. PSLS01C Datasheet HTML 3Page - Wall Industries,Inc. PSLS01C Datasheet HTML 4Page - Wall Industries,Inc. PSLS01C Datasheet HTML 5Page - Wall Industries,Inc. PSLS01C Datasheet HTML 6Page - Wall Industries,Inc. PSLS01C Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev A
PSLS01C SERIES
1 Watt
AC/DC (High Voltage DC/DC) Converter
Single Output
11/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage, and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
@230VAC,Typ.
See Table
Switching Frequency
50
kHz
Isolation Voltage
Input to Output, Tested for 1 minute
3000
VAC
Isolation Resistance
100
M
Ω
PHYSICAL SPECIFICATIONS
Weight
0.28oz (8g)
Dimensions (L x W x H)
1.38in x 0.98in x 0.51in
(35mm x 25mm x 13mm)
Hot Swap
Forbid
Case Material Grade
UL 94V-0
Installation
PCB
Cooling
Free Air Convection
SAFETY CHARACTERISTICS
Safety Approvals
UL60950/EN60950
UL/CE(5)
Safety Class
Class II
EMI
CE
CISPR22/EN55022
Class A(6)
CISPR22/EN55022
Class B(7)
RE
CISPR22/EN55022
Class A(6)
CISPR22/EN55022
Class B(7)
ESD
IEC/EN61000-4-2
Contact ±4KV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m(7)
Perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV(6)
±4KV(7)
Perf. Criteria B
Perf. Criteria B
Surge
IEC/EN61000-4-5
±1KV/±2KV(7)
Perf. Criteria B
CS
IEC/EN61000-4-6
3 Vr.m.s(7)
Perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
Perf. Criteria A
Voltage Dips, Short and Interruptions Immunity
IEC/EN61000-4-11
0%-70%
Perf. Criteria B
NOTES
1.
Add “–F” to end of model number to indicate 90 degree package.
2.
External electrolytic capacitors are required to modules, refer to typical applications for more details.
3.
Ripple and Noise refers to “Ripple and Noise Measure Figure”
4.
Module requires dispensing fixed after assembled.
5.
–F models do not meet these approvals.
6.
Typical Application Circuit Refer to Figure 1.
7.
Recommended Circuit Refer to Figure 3.
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com