Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS01C Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # PSLS01C
Description  PSLS01C SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS01C Datasheet(HTML) 6 Page - Wall Industries,Inc.

  PSLS01C Datasheet HTML 1Page - Wall Industries,Inc. PSLS01C Datasheet HTML 2Page - Wall Industries,Inc. PSLS01C Datasheet HTML 3Page - Wall Industries,Inc. PSLS01C Datasheet HTML 4Page - Wall Industries,Inc. PSLS01C Datasheet HTML 5Page - Wall Industries,Inc. PSLS01C Datasheet HTML 6Page - Wall Industries,Inc. PSLS01C Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev A
PSLS01C SERIES
1 Watt
AC/DC (High Voltage DC/DC) Converter
Single Output
11/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
EMC RECOMMNEDED CIRCUIT
Figure 3: Series recommended circuit for applications which require higher EMC standard
EMC RECOMMNEDED CIRCUIT PCB LAYOUT
Figure 4: EMC application circuit PCB layout
Safety and Recommended Wiring: linewidth
≥3mm, line-line distance≥6mm, line-ground distance ≥6mm, A≥6.4mm
EXTERNAL CIRCUIT PARAMETERS
Model
C1
(Required)
L2
C2
(Required)
L1
(Required)
C3
(Required)
C4
CY0
FUSE
(Required)
TVS
PSLS01C-15B05S(-F)
10µF/400V
1mH
150µF/35V
2.2µH
68µF/35V
0.1µF
1nF/400VAC
1A/250V
SMBJ7.0A
PSLS01C-15B09S(-F)
SMBJ12A
PSLS01C-15B12S(-F)
100µF/35V
SMBJ20A
PSLS01C-15B15S(-F)
PSLS01C-15B24S(-F)
SMBJ30A
Notes:
1. C1 and C3 are electrolytic capacitors. They are required for both AC input and DC input,
When AC input, C1 is used as filter capacitor, the value of C1 is recommended to be 10µF/400V. When DC input, C1 is used as EMC filter capacitor, the
value of C1 is recommended to be 10µF/400V (when the input voltage is above 370VDC, the recommended value of C1 is 10µF/450V). C2 and C3 are
output filer capacitors, they are recommended to be high frequency and low impedance electrolytic capacitors. Capacitance and rated ripple current of
capacitors refer to the datasheets provided. Voltage derating of capacitors should be 80% or above. C4 is a ceramic capacitor, which is used to filter
high frequency noise. C2, C3 and L1 form a pi-type filter circuit. Current of L1 and L2 refer to the datasheets provided by the manufacturers, current
derating should be 80% or above. TVS is a recommended component to protect post-circuits (if converter fails). External input NTC is recommended to
use 5D-9. External input MOV1 is recommended to use S14K350.
2. For Standard EMC requirement, please refer to figure 1. If higher EMC requirement, please refer to figure 3, recommended parameters are shown in
table below.
Recommended Parameter for Higher EMC Standard Circuit
Components
Recommend Parameter
MOV2
S10K300
CY1, CY2
1nF/400VAC
CX
0.1µF/275VAC
LCM
3.5mH
LDM
5mH
FC-L01DV1
1KV/2KV Surge Protector
FUSE
1A/250V, slow blow, it must be connected to FUSE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com