Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS01C Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSLS01C
Description  PSLS01C SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS01C Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSLS01C Datasheet HTML 1Page - Wall Industries,Inc. PSLS01C Datasheet HTML 2Page - Wall Industries,Inc. PSLS01C Datasheet HTML 3Page - Wall Industries,Inc. PSLS01C Datasheet HTML 4Page - Wall Industries,Inc. PSLS01C Datasheet HTML 5Page - Wall Industries,Inc. PSLS01C Datasheet HTML 6Page - Wall Industries,Inc. PSLS01C Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev A
PSLS01C SERIES
1 Watt
AC/DC (High Voltage DC/DC) Converter
Single Output
11/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 7
MECHANICAL DRAWINGS
Standard Case
PIN CONNECTION
Pin
Function
1
-Vin (N)
3
+Vin (L)
5
+V (cap)
7
-V (cap)
10
-Vo
12
+Vp
Recommended Footprint Details
Notes: 1. It is necessary to add C1 between pin5 and pin7
2. It is necessary to add pi-type filter circuit to the output, such
as the typical application of Figure 1.
3. Units: mm[inch]
4.Pin section tolerances: ±0.10 [±0.004]
5. General tolerances: ±0.50[±0.020
90 Degree Case
PIN CONNECTION
Pin
Function
1
-Vin (N)
3
+Vin (L)
5
+V (cap)
7
-V (cap)
10
-Vo
12
+Vo
Notes: 1. It is necessary to add C1
between pin5 and pin7
2. It is necessary to add pi-type filter circuit
to the output, such as the typical
application of Figure 1.
3. Units: mm[inch]
4.Pin section tolerances: ±0.10 [±0.004]
5. General tolerances: ±0.50[±0.020
Recommended Footprint Details



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com