Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98501CCVBH Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501CCVBH
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501CCVBH Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM98501CCVBH Datasheet HTML 13Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 14Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 15Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 16Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 17Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 18Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 19Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 20Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Register Memory Map
Register Data
The following section describes all available registers in the
LM98501 register bank and their functions.
PGA GAIN REGISTERS
Register Name PGA Gain 0
Address
0 Hex
Type
Read/Write
Reset Value
0000 0000 Binary
Bit
Bit Symbol
Description
[7:0]
PGA Gain
0.0 dB–32.0 dB in 0.125 dB
steps.
Register Name PGA Gain 1
Address
1 Hex
Type
Read/Write
Reset Value
0000 0000 Binary
Bit
Bit Symbol
Description
[7:0]
PGA Gain
0.0 dB–32.0 dB in 0.125 dB
steps.
Register Name PGA Gain 2
Address
2 Hex
Type
Read/Write
Reset Value
0000 0000 Binary
Bit
Bit Symbol
Description
[7:0]
PGA Gain
0.0 dB–32.0 dB in 0.125 dB
steps.
Register Name PGA Gain 3
Address
3 Hex
Type
Read/Write
Reset Value
0000 0000 Binary
Bit
Bit Symbol
Description
[7:0]
PGA Gain
0.0 dB–32.0 dB in 0.125 dB
steps.
ANALOG OFFSET REGISTERS
Register Name Analog Offset 0
Address
4 Hex
Type
Read/Write
Reset Value
0000 0000 Binary
Bit
Bit Symbol
Description
[7:0]
Signed Analog
Offset
Digital representation of the
analog offset to be applied to
the input of the PGA. See
“Analog Offset” on page 15.
Register Name Analog Offset 1
Address
5 Hex
Type
Read/Write
Reset Value
0000 0000 Binary
Bit
Bit Symbol
Description
[7:0]
Signed Analog
Offset
Digital representation of the
analog offset to be applied to
the input of the PGA. See
“Analog Offset” on page 15.
Register Name Analog Offset 2
Address
6 Hex
Type
Read/Write
Reset Value
0000 0000 Binary
Title
Address
Default Value
PGA Gain 0
0000
0000 0000 (0d)
PGA Gain 1
0001
0000 0000 (0d)
PGA Gain 2
0010
0000 0000 (0d)
PGA Gain 3
0011
0000 0000 (0d)
Analog Offset 0
0100
0000 0000 (0d)
Analog Offset 1
0101
0000 0000 (0d)
Analog Offset 2
0110
0000 0000 (0d)
Analog Offset 3
0111
0000 0000 (0d)
CFA Configuration 0
1000
0000 0000 (0d)
CFA Configuration 1
1001
0000 0000 (0d)
CFA Definition
1010
XXXX 0000 (0d)
Output Black Level
1011
0001 0000 (32d)
Software Control 0
1100
0100 1110 (78d)
Software Control 1
1101
XX00 0X00 (0d)
Power Level Control 0
1110
1010 1010 (170d)
Power Level Control 1
1111
0101 1010 (90d)
FIGURE 12. Register Memory Map
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com