Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98501CCVBH Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501CCVBH
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501CCVBH Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM98501CCVBH Datasheet HTML 15Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 16Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 17Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 18Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 19Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 20Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 21Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 22Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Register Data (Continued)
Bit
Bit Symbol
Description
[3]
Offset
Auto-Calibration
Enable
Enables the digital black
level correction loop.
Analog
offset registers are read-only
when offset auto-calibration
is enabled.
[2]
SHP/SHD
Active-HIGH
Enable
Inverts the SHP and SHD
inputs causing the CDS to
sample on the rising edges
of SHP and SHD.
Sampling
is performed on the falling
edges of SHP and SHD
when the signals are
Active-low.
[1]
CDS Enable
(AUX-In
Disable)
Instructs the CDS to sample
the CCD input.
Otherwise,
the AUX In input is sampled
in sample-and-hold mode.
[0]
Analog Power
Down
Cuts power to the on-chip
analog circuitry including the
CDS, PGA, ADC, and
bandgap references.
Register Name Software Control 1 (Customer)
Address
D Hex
Type
Read/Write
Reset Value
XX00 0X00 Binary
Bit
Bit Symbol
Description
[5:4]
Analog Output
Select
Routes the selected internal
analog signal to the
differential analog output
pins AOUT+ and AOUT−.
00 CDS
01 PGA Stage 1
10 PGA Stage 2
11 PGA Stage 3
[3]
Analog Output
Enable
Enables the differential
analog output pins AOUT+
and AOUT−. If the analog
outputs are disabled, the
pins should not be loaded.
[1]
ADC Reference
Select
Reference biasing selection
for the analog-to-digital
converter.
0 Passive Biasing
(Resistors)
1 Active Biasing
(Bandgap)
[0]
DAC Reference
Select
Reference biasing selection
for the digital-to-analog
converter.
0 Active Biasing
(Bandgap)
1 Passive Biasing
(Resistors)
Register Name Power Level Control 0
Address
E Hex
Type
Read/Write
Reset Value
1010 1010 Binary
Bit
Bit Symbol
Description
[7:6]
PGA Stage 1
Amplifier Bias
Adjusts the power level of
the PGA stage 1 amplifier.
The power level is relative to
the value of the binary
number stored.
[5:4]
PGA
Common-Mode
Input Bias
Adjusts the power level of
the PGA common-mode
input. The power level is
relative to the value of the
binary number stored.
[3:2]
CDS Amplifier
Bias
Adjusts the power level of
the CDS amplifier. The
power level is relative to the
value of the binary number
stored.
[1:0]
CDS
Common-Mode
Input Bias
Adjusts the power level of
the CDS common-mode
input. The power level is
relative to the value of the
binary number stored.
Register Name Power Level Control 1
Address
F Hex
Type
Read/Write
Reset Value
0101 1010 Binary
Bit
Bit Symbol
Description
[7:6]
ADC Coarse
Bank Bias
Adjusts the power level of
the ADC coarse bank. The
power level is relative to the
value of the binary number
stored.
[5:4]
ADC Fine Bank
Bias
Adjusts the power level of
the ADC fine bank. The
power level is relative to the
value of the binary number
stored.
[3:2]
PGA Stage 3
Amplifier Bias
Adjusts the power level of
the PGA stage 3 amplifier.
The power level is relative to
the value of the binary
number stored.
[1:0]
PGA Stage 2
Amplifier Bias
Adjusts the power level of
the PGA stage 2 amplifier.
The power level is relative to
the value of the binary
number stored.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com