Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98501CCVBH Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501CCVBH
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501CCVBH Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM98501CCVBH Datasheet HTML 16Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 17Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 18Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 19Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 20Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 21Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 22Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 23Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PGA Gain Plots
Applications Information
ANALOG-TO-DIGITAL CONVERTER REFERENCE
BYPASSING
Figure 17 shows a simple reference bypassing scheme with
minimal components. The V
REFT and VREFB pins should
each be bypassed to analog ground with 10 µF tantalum as
well as 0.1 µF ceramic capacitors. In a case where the inter-
nally generated reference voltages are not sufficient, the
user may supply external voltages to the reference pins.
However, the reference pin V
REFT should be within the range
of 2.0V to 2.5V. Similarly, V
REFB should be driven in the
range of 0.4V to 0.9V. Any device used to drive the reference
pins should be able to source adequate current into the
V
REFT and sink adequate current from the VREFB pin when
the reference resistor ladder is at its minimum resistivity of
850
Ω.
The reference voltage at the top of the resistor ladder
(V
REFT) may be as low as 1.2V above the voltage at the bot-
tom of the resistor ladder (V
REFB) and may be as high as
1.8V above. V
REFB may be as low as 0.4V and as high as
0.9V above ground. However, noise effects will be minimized
and accurate conversions insured when the total reference
voltage is approximately 2.25V and offset from ground by
0.75V.
ANALOG OFFSET DAC REFERENCE BYPASSING
The analog offset DAC reference pins, VREFP and VREFN,
should be capacitively bypassed in the same fashion as the
ADC
reference
pins
VREFT
and
VREFB
(see
’Analog-to-Digital Converter Reference Bypassing’).
DS101292-14
FIGURE 15. PGA Gain (Linear Scale) vs. PGA Gain Code
DS101292-15
FIGURE 16. PGA Gain (Logarithmic Scale) vs. PGA Gain Code
DS101292-16
FIGURE 17. Reference Bypassing
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com