Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3160 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3160
Description  5-Bit Programmable 2-Phase Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3160 Datasheet(HTML) 1 Page - Analog Devices

  ADP3160 Datasheet HTML 1Page - Analog Devices ADP3160 Datasheet HTML 2Page - Analog Devices ADP3160 Datasheet HTML 3Page - Analog Devices ADP3160 Datasheet HTML 4Page - Analog Devices ADP3160 Datasheet HTML 5Page - Analog Devices ADP3160 Datasheet HTML 6Page - Analog Devices ADP3160 Datasheet HTML 7Page - Analog Devices ADP3160 Datasheet HTML 8Page - Analog Devices ADP3160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
ADP3160/ADP3167
5-Bit Programmable 2-Phase
Synchronous Buck Controller
ADOPT is a trademark of Analog Devices, Inc.
Athlon is a trademark of Advanced Micro Devices, Inc.
Pentium is a registered trademark of Intel Corporation.
FEATURES
ADOPT™ Optimal Positioning Technology for Superior
Load Transient Response and Fewest Output Capacitors
Complies with VRM 9.0 with Lowest System Cost
Active Current Balancing between Both Output Phases
5-Bit Digitally Programmable 1.1 V to 1.85 V Output
Dual Logic-Level PWM Outputs for Interface to External
High Power Drivers
Total Output Accuracy
0.8% over Temperature
Current-Mode Operation
Short Circuit Protection
Power Good Output
Overvoltage Protection Crowbar Protects
Microprocessors with No Additional
External Components
APPLICATIONS
Desktop PC Power Supplies for:
Intel Pentium
® 4 Processors
AMD Athlon™ Processors
VRM Modules
GENERAL DESCRIPTION
The ADP3160 and ADP3167 are highly efficient, dual output,
synchronous buck switching regulator controllers optimized for
converting a 5 V or 12 V main supply into the core supply voltage
required by high-performance processors, such as Pentium 4 and
Athlon. The ADP3160 uses an internal 5-bit DAC to read a volt-
age identification (VID) code directly from the processor that is
used to set the output voltage between 1.1 V and 1.85 V. The
devices use a current-mode PWM architecture to drive two logic-
level outputs at a programmable switching frequency that can be
optimized for VRM size and efficiency. The output signals are
180 degrees out of phase, allowing for the construction of two
complementary buck switching stages. These two stages share the
dc output current to reduce overall output voltage ripple. An
active current balancing function ensures that both phases carry
equal portions of the total load current, even under large transient
loads, to minimize the size of the inductors. The ADP3160 control
FUNCTIONAL BLOCK DIAGRAM
2-PHASE
DRIVER
LOGIC
UVLO
AND
BIAS
3.0V
REFERENCE
OSCILLATOR
SET
RESET
CROWBAR
VCC
REF
GND
CT
COMP
PWM1
PWM2
PWRGD
CS–
CS+
FB
VID
DAC
VID4
VID3
VID2
VID1
VID0
CMP2
CMP1
DAC–18%
gm
DAC+24%
ADP3160/ADP3167
CMP3
CMP
CMP
loop has been optimized for conversion from 12 V, while the
ADP3167 is designed for conversion from a 5 V supply.
The ADP3160 and ADP3167 also use a unique supplemental
regulation technique called active voltage positioning to enhance
load transient performance. Active voltage positioning results
in a dc/dc converter that meets the stringent output voltage
specifications for high-performance processors, with the minimum
number of output capacitors and smallest footprint. Unlike
voltage-mode and standard current-mode architectures, active
voltage positioning adjusts the output voltage as a function of
the load current so that it is always optimally positioned for a
system transient. They also provide accurate and reliable short
circuit protection and adjustable current limiting.
The ADP3160 is specified over the commercial temperature
range of 0
∞C to 70∞C and is available in a 16-lead narrow body
SOIC package.


Similar Part No. - ADP3160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
4-Bit Programmable 2-Phase Synchronous Buck Controller
REV.0
ADP3161JR AD-ADP3161JR Datasheet
164Kb / 12P
4-Bit Programmable 2-Phase Synchronous Buck Controller
REV.0
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3162JR AD-ADP3162JR Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV.0
More results

Similar Description - ADP3160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV.0
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
5-Bit Programmable 4-Phase Synchronous Buck Controller
REV.0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
7/05-Revision 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
3/06-Rev. 0 to Rev. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
ON Semiconductor
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
logo
Analog Devices
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com