Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008L Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD55008L
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008L Datasheet(HTML) 2 Page - STMicroelectronics

  PD55008L Datasheet HTML 1Page - STMicroelectronics PD55008L Datasheet HTML 2Page - STMicroelectronics PD55008L Datasheet HTML 3Page - STMicroelectronics PD55008L Datasheet HTML 4Page - STMicroelectronics PD55008L Datasheet HTML 5Page - STMicroelectronics PD55008L Datasheet HTML 6Page - STMicroelectronics PD55008L Datasheet HTML 7Page - STMicroelectronics PD55008L Datasheet HTML 8Page - STMicroelectronics PD55008L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PD55008L
2/9
ELECTRICAL SPECIFICATION (TCASE = 25
°C)
STATIC
DYNAMIC
ESD PROTECTION CHARACTERISTICS
MOISTURE SENSITIVITY LEVEL
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IDSS
VGS = 0 V
VDS = 28 V
1
µA
IGSS
VGS = 5 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 10 V ID = 150 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 0.5 A
0.13
0.14
V
GFS
VDS = 10 V
ID = 1.5 A
1.6
mho
CISS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
53
pF
COSS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
38
pF
CRSS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
3.2
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 12.5 V
IDQ = 150 mA
f = 500 MHz
8W
GP
VDD = 12.5 V
IDQ = 150 mA
POUT = 8 W f = 500 MHz
17
19
dB
ηD
VDD = 12.5 V
IDQ = 150 mA
POUT = 8 W f = 500 MHz
55
63
%
Load
mismatch
VDD = 15.5 V
IDQ = 150 mA
POUT = 8 W f = 500 MHz
ALL PHASE ANGLES
20:1
VSWR
Test Conditions
Class
Human Body Model
2
Machine Model
M3
Test Methodology
Rating
J-STD-020B
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com