Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008L Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD55008L
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008L Datasheet(HTML) 6 Page - STMicroelectronics

  PD55008L Datasheet HTML 1Page - STMicroelectronics PD55008L Datasheet HTML 2Page - STMicroelectronics PD55008L Datasheet HTML 3Page - STMicroelectronics PD55008L Datasheet HTML 4Page - STMicroelectronics PD55008L Datasheet HTML 5Page - STMicroelectronics PD55008L Datasheet HTML 6Page - STMicroelectronics PD55008L Datasheet HTML 7Page - STMicroelectronics PD55008L Datasheet HTML 8Page - STMicroelectronics PD55008L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PD55008L
6/9
S-PARAMETER (PD55008L)
(VDS = 12.5V IDS = 1.5 A)
FREQ
IS11IIS21IIS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.835
-145
18.15
98
0.023
11
0.681
-156
100
0.831
-161
9.38
84
0.023
-1
0.711
-164
150
0.837
-166
6.14
75
0.022
-7
0.729
-166
200
0.847
-169
4.47
68
0.020
-11
0.751
-167
250
0.858
-170
3.44
61
0.019
-15
0.773
-168
300
0.872
-171
2.74
55
0.017
-17
0.794
-168
350
0.882
-172
2.24
50
0.015
-17
0.819
-168
400
0.893
-173
1.87
46
0.014
-18
0.837
-169
450
0.904
-174
1.58
41
0.012
-16
0.855
-170
500
0.913
-175
1.35
37
0.010
-13
0.875
-170
550
0.920
-176
1.17
33
0.009
-5
0.881
-170
600
0.927
-177
1.02
30
0.008
1
0.890
-172
650
0.931
-177
0.89
27
0.007
13
0.905
-172
700
0.935
-178
0.79
24
0.007
28
0.914
-173
750
0.940
-179
0.70
22
0.008
41
0.919
-173
800
0.944
-180
0.63
19
0.008
48
0.930
-174
850
0.948
180
0.57
17
0.009
55
0.934
-175
900
0.948
179
0.51
15
0.010
61
0.936
-175
950
0.947
179
0.47
13
0.011
65
0.943
-176
1000
0.949
178
0.43
11
0.013
66
0.943
-176
1050
0.949
177
0.39
10
0.014
70
0.947
-177
1100
0.951
177
0.36
8
0.015
72
0.953
-177
1150
0.951
176
0.33
7
0.016
72
0.955
-178
1200
0.952
176
0.30
5
0.018
74
0.957
-178
1250
0.951
175
0.28
4
0.019
73
0.960
-179
1300
0.950
174
0.26
3
0.021
75
0.959
-179
1350
0.951
174
0.24
2
0.021
75
0.961
-180
1400
0.950
173
0.22
1
0.023
76
0.962
-180
1450
0.948
173
0.21
1
0.024
76
0.960
180
1500
0.949
172
0.20
1
0.025
75
0.963
179
S11∠Φ
S21∠Φ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com