Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008L Datasheet(PDF) 3 Page - STMicroelectronics

Part # PD55008L
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008L Datasheet(HTML) 3 Page - STMicroelectronics

  PD55008L Datasheet HTML 1Page - STMicroelectronics PD55008L Datasheet HTML 2Page - STMicroelectronics PD55008L Datasheet HTML 3Page - STMicroelectronics PD55008L Datasheet HTML 4Page - STMicroelectronics PD55008L Datasheet HTML 5Page - STMicroelectronics PD55008L Datasheet HTML 6Page - STMicroelectronics PD55008L Datasheet HTML 7Page - STMicroelectronics PD55008L Datasheet HTML 8Page - STMicroelectronics PD55008L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
PD55008L
Capacitance Vs Supply Voltage
1
10
100
1000
02
468
10
12
14
16
Vds (V)
Coss
Ciss
Crss
TYPICAL PERFORMANCE
Output Power Vs Input Power
0
2
4
6
8
10
12
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
Pin (W)
f = 500MHz
Vds = 12.5 V
Idq = 120 mA
Power Gain Vs Output Power
8
10
12
14
16
18
20
22
24
26
01
23
4
5
6
7
8
9
10
11
Pout (W)
f = 500 MHz
Vds = 12.5 V
Idq = 120 mA
Efficiency Vs Output Power
10
20
30
40
50
60
70
80
01
2
345
6
789
10
11
Pout (W)
f = 500 MHz
Vds = 12.5 V
Idq = 120 mA
Input Return Loss Vs Output Power
-20
-15
-10
-5
0
0
1
2
3
45
67
8
9
10
11
Pout (W)
f = 500MHz
Vds = 12.5 V
Idq = 120 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com