Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR16100CTG.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR16100CTG..
Description  Switch-mode Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR16100CTG.. Datasheet(HTML) 2 Page - ON Semiconductor

  MBR16100CTG.. Datasheet HTML 1Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 2Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 3Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 4Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR16100CTG
www.onsemi.com
2
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(TC = 166°C)
Per Diode
Per Device
IF(AV)
8.0
16
A
Peak Repetitive Forward Current
(Square Wave, 20 kHz)
TC = 165°C
IFRM
16
A
Non-repetitive Peak Surge Current
(Surge applied at rated load conditions half-wave, single phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0
ms, 1.0 kHz)
IRRM
0.5
A
Operating Junction Temperature (Note 1)
TJ
*65 to +175
°C
Storage Temperature
Tstg
*65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance,
Junction−to−Case (Min. Pad)
Junction−to−Ambient (Min. Pad)
RqJC
RqJA
2.0
60
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Characteristic
Symbol
Min
Typical
Max
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 8.0 A, TJ = 125°C)
(iF = 8.0 A, TJ = 25°C)
(iF = 16 A, TJ = 125°C)
(iF = 16 A, TJ = 25°C)
vF
−
−
−
−
0.56
0.68
0.67
0.79
0.60
0.74
0.69
0.84
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
−
−
0.95
0.0013
5.0
0.1
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com