Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR16100CTG.. Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR16100CTG..
Description  Switch-mode Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR16100CTG.. Datasheet(HTML) 3 Page - ON Semiconductor

  MBR16100CTG.. Datasheet HTML 1Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 2Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 3Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 4Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR16100CTG
www.onsemi.com
3
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Maximum Forward Voltage Per Diode
0.6
0
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
10
0.2
0.4
0.8
1
0.1
1
TJ = 25°C
175
°C
125
°C
75
°C
0.5
0.1
0.3
0.7
0.9
0.6
0
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
10
0.2
0.4
0.8
1
0.1
1
TJ = 25°C
175
°C
125
°C
75
°C
0.5
0.1
0.3
0.7
0.9
Figure 3. Typical Reverse Current Per Diode
Figure 4. Typical Capacitance Per Diode
0
VR, REVERSE VOLTAGE (VOLTS)
10
20
30
40
100
Figure 5. Current Derating, Case Per Leg
Figure 6. Current Derating, Ambient Per Leg
50
60
70
80
90
TJ = 25°C
175
°C
125
°C
75
°C
0
VR, REVERSE VOLTAGE (VOLTS)
10
20
30
40
100
50
60
70
80
90
TJ = 25°C
175
°C
125
°C
75
°C
TA, AMBIENT TEMPERATURE (°C)
050
25
75
2.0
4.0
6.0
8.0
10
TC, CASE TEMPERATURE (C°)
180
14
4.0
0
dc
SQUARE WAVE
145
155
160
2.0
12
16
6.0
8.0
10
12
14
16
140
150
0
100
125
150
175
SQUARE WAVE
RATED VOLTAGE APPLIED
RqJA = 16° C/W
dc
RqJA = 60° C/W
(NO HEATSINK)
170
175
165
dc
1E−1
1E−2
1E−3
1E−6
1E−7
1E−5
1E−4
1E−1
1E−2
1E−3
1E−6
1E−7
1E−5
1E−4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com