Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR16100CTG.. Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR16100CTG..
Description  Switch-mode Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR16100CTG.. Datasheet(HTML) 4 Page - ON Semiconductor

  MBR16100CTG.. Datasheet HTML 1Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 2Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 3Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 4Page - ON Semiconductor MBR16100CTG.. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR16100CTG
www.onsemi.com
4
VR, REVERSE VOLTAGE (VOLTS)
10
0
1200
600
0
20
30
40
80
1400
1000
800
50
60
70
200
400
90 100
Figure 7. Forward Power Dissipation
Figure 8. Typical Capacitance Per Diode
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
04
12
816
24
16
0
8
4
12
SQUARE WAVE
20
24
28 30
20
28
dc
26
18
2
10
6
14
22
30
210
614
18
22
26
TJ = 175°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com