Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB370 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT43USB370
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT43USB370 Datasheet HTML 1Page - ATMEL Corporation AT43USB370 Datasheet HTML 2Page - ATMEL Corporation AT43USB370 Datasheet HTML 3Page - ATMEL Corporation AT43USB370 Datasheet HTML 4Page - ATMEL Corporation AT43USB370 Datasheet HTML 5Page - ATMEL Corporation AT43USB370 Datasheet HTML 6Page - ATMEL Corporation AT43USB370 Datasheet HTML 7Page - ATMEL Corporation AT43USB370 Datasheet HTML 8Page - ATMEL Corporation AT43USB370 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
AT43USB370
3340B–USB–12/03
The AT43USB370 communicates with the external system processor through its generic
32-bit host processor interface. This system interface contains 2 Kbytes of FIFO and a DMA
engine designed to ensure maximum bus utilization. The automatic USB retry mechanism
minimizes data traffic across the system interface.
As a function, the AT43USB370 operates in full-speed mode. It supports one control endpoint
and a maximum of six programmable (maximum packet size and endpoint type) endpoints.
The internal USB controller runs the function firmware that manages USB enumeration and
data flow control without system processor intervention.
Communication between the AT43USB370 firmware and applications resident in the system
processor is realized through a small set of ANSI C compliant, system interface Application
Protocol Interfaces (APIs). This API set encapsulates the complete USB functionality. It is
used as the basic building blocks for constructing application specific USB device drivers of
any type.
The AT43USB370, with its highly integrated USB hardware/firmware architecture, not only
hides the complexity of the traditional USB design, but also frees system resources from being
burdened by timing critical USB activities. It is an ideal solution for point-to-point USB connec-
tivity in the resource constrained embedded environment.
Pin
Configuration
Figure 1. AT43USB370 100-lead LQFP
A7
A6
A5
A4
A3
A2
A1
A0
CS_N
OE_N
SELECT
INTR_IN
INTR_OUT
VDD
VSS
VSS
VDD18
PROG
MORE
READY
DONE
BUSY
WAIT_N
WE_N
DREQ_N
VSS
D20
D21
D22
D23
VDD
D24
D25
D26
D27
VSS
D28
D29
D30
D31
VDD18
VSS
NC
NC
SCAN_EN
RCV_DATA
DCLK
TRST_N
VSS
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com