Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB370 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT43USB370
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT43USB370 Datasheet HTML 23Page - ATMEL Corporation AT43USB370 Datasheet HTML 24Page - ATMEL Corporation AT43USB370 Datasheet HTML 25Page - ATMEL Corporation AT43USB370 Datasheet HTML 26Page - ATMEL Corporation AT43USB370 Datasheet HTML 27Page - ATMEL Corporation AT43USB370 Datasheet HTML 28Page - ATMEL Corporation AT43USB370 Datasheet HTML 29Page - ATMEL Corporation AT43USB370 Datasheet HTML 30Page - ATMEL Corporation AT43USB370 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
27
AT43USB370
3340B–USB–12/03
USBP_CONGNUM_REG – Device Configuration Number Register
The USB processor writes in this register.
• Bit 7:0 - CONG_NUM
Configuration number.
• Bit 31:8 - RS
Reserved. Reset to zero by the USB processor.
This register is used by the USB processor to write the configuration number while issuing a
request to the system processor software. After power-up or reset, this register will contain the
value of 0x00.
USBP_INTRNUM_REG – Device Interface Number Register
The USB processor writes in this register.
• Bit 7:0 - INTR_NUM
Interface number.
• Bit 31:8 - RS
Reserved. Reset to zero by the USB processor.
This register is used by the USB processor to write the interface number while issuing a
request to the system processor software. After power-up or reset, this register will contain the
value of 0x00.
Bit
31
8
7
0
0x74
RS
CONG_NUM
USBP_CONGNUM_REG
Read/Write
USB Processor
W
System Processor
R
Initial Value
0x0
Mode
Device
Bit
31
8
7
0
0x78
RS
INTR_NUM
USBP_INTRNUM_REG
Read/Write
USB Processor
W
System Processor
R
Initial Value
0x0
Mode
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com