Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB370 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT43USB370
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT43USB370 Datasheet HTML 1Page - ATMEL Corporation AT43USB370 Datasheet HTML 2Page - ATMEL Corporation AT43USB370 Datasheet HTML 3Page - ATMEL Corporation AT43USB370 Datasheet HTML 4Page - ATMEL Corporation AT43USB370 Datasheet HTML 5Page - ATMEL Corporation AT43USB370 Datasheet HTML 6Page - ATMEL Corporation AT43USB370 Datasheet HTML 7Page - ATMEL Corporation AT43USB370 Datasheet HTML 8Page - ATMEL Corporation AT43USB370 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
AT43USB370
3340B–USB–12/03
Pin Assignment
Pin #
Signal
Type
Pin #
Signal
Type
Pin #
Signal
Type
1
A7
Input
35
XTAL1
Input
69
D24
Bi-directional
2
A6
Input
36
XTAL2
Output
70
VDD
Power Supply/Gnd
3
A5
Input
37
VDD18
Power Supply/Gnd
71
D23
Bi-directional
4
A4
Input
38
LFT
Input
72
D22
Bi-directional
5
A3
Input
39
VSS
Power Supply/Gnd
73
D21
Bi-directional
6
A2
Input
40
DM
Bi-directional
74
D20
Bi-directional
7
A1
Input
41
DP
Bi-directional
75
VSS
Power Supply/Gnd
8
A0
Input
42
TP2
Input
76
D19
Bi-directional
9
CS_N
Input
43
TP3
Input
77
D18
Bi-directional
10
OE_N
Input
44
RPD_EN
Output
78
D17
Bi-directional
11
SELECT
Input
45
RPU_EN
Output
79
D16
Bi-directional
12
INTR_IN
Input
46
RESET_N
Input
80
VSS
Power Supply/Gnd
13
INTR_OUT
Output
47
TCK
Input
81
VDD18
Power Supply/Gnd
14
VDD
Power Supply/Gnd
48
TMS
Input
82
NC
Not Connected
15
VSS
Power Supply/Gnd
49
TDI
Input
83
D15
Bi-directional
16
VSS
Power Supply/Gnd
50
TDO
Output
84
D14
Bi-directional
17
VDD18
Power Supply/Gnd
51
VDD
Power Supply/Gnd
85
D13
Bi-directional
18
PROG
Input
52
VSS
Power Supply/Gnd
86
D12
Bi-directional
19
MORE
Input
53
TRST_N
Input
87
VDD
Power Supply/Gnd
20
READY
Output
54
DCLK
Output
88
D11
Bi-directional
21
DONE
Input
55
RCV_DATA
Output
89
D10
Bi-directional
22
BUSY
Output
56
SCAN_EN
Input
90
D9
Bi-directional
23
WAIT_N
Output
57
NC
Not Connected
91
D8
Bi-directional
24
WE_N
Input
58
NC
Not Connected
92
VSS
Power Supply/Gnd
25
DREQ_N
Output
59
VSS
Power Supply/Gnd
93
D7
Bi-directional
26
DACK_N
Input
60
VDD18
Power Supply/Gnd
94
D6
Bi-directional
27
VSS
Power Supply/Gnd
61
D31
Bi-directional
95
D5
Bi-directional
28
BT
Input
62
D30
Bi-directional
96
D4
Bi-directional
29
MT
Input
63
D29
Bi-directional
97
D3
Bi-directional
30
VDD
Power Supply/Gnd
64
D28
Bi-directional
98
D2
Bi-directional
31
TP0
Input
65
VSS
Power Supply/Gnd
99
D1
Bi-directional
32
TP1
Output
66
D27
Bi-directional
100
D0
Bi-directional
33
CLK_SEL
Input
67
D26
Bi-directional
34
VSS
Power Supply/Gnd
68
D25
Bi-directional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com