Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1431DR4S13 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS1431DR4S13
Description  Precision Adjustable Shunt Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS1431DR4S13 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS1431DR4S13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ASTEC Semiconductor
AS1431
Precision Adjustable Shunt Reference
Functional Block Diagram
Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
Cathode-Anode Reverse Breakdown
V
KA
37
V
Anode-Cathode Forward Current
I
AK
1
A
Operating Cathode Current
I
KA
250
mA
Reference Input Current
I
REF
10
mA
Continuous Power Dissipation at 25¡C
P
D
TO-92
775
mW
8L SOIC
750
mW
SOT-89
1000
mW
SOT-23/5L
200
mW
Junction Temperature
T
J
150
¡C
Storage Temperature
T
STG
Ð65 to 150
¡C
Lead Temperature Soldering 10 Seconds
T
L
300
¡C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sec-
tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Ð
+
REFERENCE
(R)
ANODE (A)
CATHODE (K)
2.5 V
Recommended Conditions
Parameter
Symbol
Rating
Unit
Cathode Voltage
V
KA
V
REF to 20
V
Cathode Current
I
K
10
mA
Typical Thermal Resistances
Package
θ
JA
θ
JC
Typical Derating
TO-92
160¡C/W
80¡C/W
6.3 mW/¡C
SOIC
175¡C/W
45¡C/W
5.7 mW/¡C
SOT-89
110¡C/W
8¡C/W
9.1 mW/¡C
SOT-23/5L
575¡C/W
150¡C/W
1.7 mW/¡C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com